Electronic Components Datasheet Search
  English  ▼

X  

B82801A Datasheet(PDF) 6 Page - EPCOS

Part # B82801A
Description  SMT current sense transformers EE 4.2 core
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82801A Datasheet(HTML) 6 Page - EPCOS

  B82801A Datasheet HTML 1Page - EPCOS B82801A Datasheet HTML 2Page - EPCOS B82801A Datasheet HTML 3Page - EPCOS B82801A Datasheet HTML 4Page - EPCOS B82801A Datasheet HTML 5Page - EPCOS B82801A Datasheet HTML 6Page - EPCOS B82801A Datasheet HTML 7Page - EPCOS B82801A Datasheet HTML 8Page - EPCOS B82801A Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
12/12
Please read Cautions and warnings and
Important notes at the end of this document.
Recommended reflow soldering curve
Pb-free solder material (based on JEDEC J-STD 020D)
Max. time from +25 °C to T: 300 seconds
Max. 3 reflow cycles
T1
°C
T2
°C
T3
T4
T1
T2
sec
T3
sec
°C
°C
sec
150
200
217
245
<110
<90
20 ... 40
IND0814-F
1
t
4
T
T3
T2
T1
t2
3
t



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com