Electronic Components Datasheet Search
  English  ▼

X  

HT6P237A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6P237A
Description  Learning RF Encoder
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P237A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6P237A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P237A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev. 1.00
4
April 12, 2013
HT6P237A/HT6P247A
Absolute Maximum Ratings
LogicSupplyVoltage................VSS-0.3VtoVSS+3.6V
LogicInputVoltage.................. VSS-0.3VtoVDD+0.3V
LogicOutputVoltage............... VSS-0.3VtoVDD+0.3V
StorageTemperature............................ -55˚Cto150˚C
OperatingTemperature.......................... -40˚Cto85˚C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder”AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
condition
VDD
Logic Supply Voltage
—
—
2.0
3
3.6
V
ISB
Stand-by current
3 No load. Input pins floating
—
—
1.0
μA
VIH
“H” Input Voltage
—
—
0.8VDD
—
—
V
VIL
“L” Input Voltage
—
—
—
—
0.2VDD
V
RPL
Pull-high Resistance
3 D0~D3, B0~B1
—
500
—
kΩ
IOH
Hi-level output current
3 VOH=0.9VDD; DOUT
—
7
—
mA
IOL
Low-level output current
3 VOL=0.1VDD; DOUT
—
2
—
mA
R.F. Characteristics
Specifications apply for VDD=3.0V, TA=25°C, Freq 433MHz unless otherwise noted. RL 50Ω load (matched)
P
Parameter
Test Conditions
Min Typ Max Units
VDD
Conditions
I1
Average Data Current*
(Data is 50% duty cycle)
3V
@ 433MHz, POUT=+16dBm
—
21
—
mA
@ 433MHz, POUT=+12dBm
12
I0
Data LOW current
3V
—
—
5
—
mA
RF and Crystal
Output power level
3V
OPS
0
—
12
—
dBm
Floating
—
14
—
1
—
16
—
Extinction ratio for ASK
10Kbps
3V
—
—
76
—
dBc
Output Blanking
3V STDBY transition from Low to High
—
1800
—
μs
ASK to RF Out Response
Time
3V Delta between ASK Input Transition from Low to
High to RF Output Transition from Low to High
—
1
—
μs
Harmonic output for
433.92 MHz
3V
@867.84MHz, 2nd harm
—
-50
—
dBc
@1301.76MHz, 3rd harm
-51
Occupied Bandwidth
3V @433.92MHz
— <1000 —
kHz
433.92 MHz Single Side
Band Phase Noise
3V
@100kHz from Carrier
—
-70
— dBc/Hz
-75
@1000kHz from Carrier
XTLIN, XTLOUT
3V Pin capacitance
—
15
—
pF
Note:ItisrecommendedthatVDDpoweronstabilitytimeshouldbelessthan500μstoallowthedevicetooperate
normally.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com