Electronic Components Datasheet Search
  English  ▼

X  

MY2N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # MY2N
Description  Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2N Datasheet(HTML) 1 Page - Omron Electronics LLC

  MY2N Datasheet HTML 1Page - Omron Electronics LLC MY2N Datasheet HTML 2Page - Omron Electronics LLC MY2N Datasheet HTML 3Page - Omron Electronics LLC MY2N Datasheet HTML 4Page - Omron Electronics LLC MY2N Datasheet HTML 5Page - Omron Electronics LLC MY2N Datasheet HTML 6Page - Omron Electronics LLC MY2N Datasheet HTML 7Page - Omron Electronics LLC MY2N Datasheet HTML 8Page - Omron Electronics LLC MY2N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General-purpose Relay
MY New model
1
General-purpose Relay
MY New model
Versatile and Function-filled Miniature Power
Relay for Sequence Control and Power
Switching Applications
• Models with lockable test buttons now available.
• Many variations possible through a selection of operation indi-
cators (mechanical and LED indicators), lockable test button,
built-in diode and CR (surge suppression), bifurcated contacts,
etc.
• Arc barrier standard on 4-pole Relays.
• Dielectric strength: 2,000 VAC (coil to contact)
• Environment-friendly cadmium-free contacts.
• Safety standard approvals obtained.
• Wide range of Sockets (PY, PYF Series) and optional parts are
available.
• Max. Switching Current: 2-pole: 10 A, 4-pole: 5 A
• Provided with nameplate.
LR
Ordering Information
■ Relays
Standard Coil Polarity
Reverse Coil Polarity
Note: When ordering, add the rated coil voltage and “(s)” to the model number. Rated coil voltages are given in the coil ratings table.
Type
Contact form
Plug-in socket/Solder terminals
Without LED indicator
Standard with LED indicator
With LED indicator and
lockable test button
Standard
DPDT
MY2N
MY2IN
MY2
4PDT
MY4N
MY4IN
MY4
4PDT (bifurcated)
MY4ZN
MY4ZIN
MY4Z
With built-in diode
(DC only)
DPDT
MY2N-D2
MY2IN-D2
---
4PDT
MY4N-D2
MY4IN-D2
---
4PDT (bifurcated)
MY4ZN-D2
MY4ZIN-D2
---
With built-in CR
(220/240 VAC, 110/120 VAC
only)
DPDT
MY2N-CR
MY2IN-CR
---
4PDT
MY4N-CR
MY4IN-CR
---
4PDT (bifurcated)
MY4ZN-CR
MY4ZIN-CR
---
Type
Contact form
Plug-in socket/Solder terminals
With LED indicator
With LED indicator and
lockable test button
Standard (DC only)
DPDT
MY2N1
MY2IN1
4PDT
MY4N1
MY4IN1
4PDT (bifurcated)
MY4ZN1
MY4ZIN1
With built-in diode
(DC only)
DPDT
MY2N1-D2
MY2IN1-D2
4PDT
MY4N1-D2
MY4IN1-D2
4PDT (bifurcated)
MY4ZN1-D2
MY4ZIN1-D2
Example: MY2 6VAC (S)
Rated coil voltage
New model


Similar Part No. - MY2N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY2N OMRON-MY2N Datasheet
1Mb / 20P
General-purpose Relay
MY2N OMRON-MY2N Datasheet
2Mb / 20P
General-purpose Relay
MY2N OMRON-MY2N Datasheet
9Mb / 36P
Miniature Power Relays MY(S)
MY2N OMRON-MY2N Datasheet
9Mb / 36P
Miniature Power Relays MY(S)
MY2N-CR OMRON-MY2N-CR Datasheet
1Mb / 20P
General-purpose Relay
More results

Similar Description - MY2N

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP100 BOCA-TIP100 Datasheet
26Kb / 2P
Power Darlingtons for Linear and Switching Applications
logo
Toshiba Semiconductor
RSF05G1-1P TOSHIBA-RSF05G1-1P Datasheet
311Kb / 6P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
USF05G49 TOSHIBA-USF05G49 Datasheet
351Kb / 6P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
logo
GE Solid State
BTA20 GESS-BTA20 Datasheet
238Kb / 5P
6-A Silicon Triacs For Power-Control and Power-Switching Applications
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
PY08-02 OMRON-PY08-02 Datasheet
590Kb / 16P
Versatile and Function-filled Miniature Power
logo
Toshiba Semiconductor
SF0R3G42 TOSHIBA-SF0R3G42 Datasheet
305Kb / 6P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
logo
Omron Electronics LLC
G2A OMRON-G2A Datasheet
678Kb / 10P
Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
CJ1G-CPU4XP OMRON-CJ1G-CPU4XP Datasheet
578Kb / 10P
Integrated Loop Control and Sequence
logo
Toshiba Semiconductor
SFOR3G42 TOSHIBA-SFOR3G42 Datasheet
307Kb / 5P
LOW POWER SWITCHING AND CONTROL APPLICATIONS
1966-12-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com