Electronic Components Datasheet Search
  English  ▼

X  

MY2N Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # MY2N
Description  Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2N Datasheet(HTML) 4 Page - Omron Electronics LLC

  MY2N Datasheet HTML 1Page - Omron Electronics LLC MY2N Datasheet HTML 2Page - Omron Electronics LLC MY2N Datasheet HTML 3Page - Omron Electronics LLC MY2N Datasheet HTML 4Page - Omron Electronics LLC MY2N Datasheet HTML 5Page - Omron Electronics LLC MY2N Datasheet HTML 6Page - Omron Electronics LLC MY2N Datasheet HTML 7Page - Omron Electronics LLC MY2N Datasheet HTML 8Page - Omron Electronics LLC MY2N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
General-purpose Relay
MY New model
■ Approved Standards
VDE Recognitions (File No. 112467UG, IEC 255, VDE 0435)
UL508 Recognitions (File No. 41515)
CSA C22.2 No. 14 Listings (File No. LR31928)
IMQ (File No. EN013 to 016)
LR Recognitions (File No. 98/10014)
SEV Listings (File No. 99.5 50902.01)
No. of poles
Coil ratings
Contact ratings
Operations
2
6, 12, 24, 48/50, 100/110
110/120, 200/220,
220/240 VAC
6, 12, 24, 48, 100/110,
125 VDC
10 A, 250 VAC (cos
φ=1)
10 A, 30 VDC (L/R=0 ms)
10 x 103
4
5 A, 250 VAC (cos
φ=1)
5 A, 30 VDC (L/R=0 ms)
100 x 103
MY4Z AC; 50 x 103
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 30 VDC (General purpose)
10 A, 250 VAC (General purpose)
6 x 103
4
5 A, 250 VAC (General purpose)
5 A, 30 VDC (General purpose)
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 30 VDC
10 A, 250 VAC
6 x 103
4
5 A, 250 VAC (Same polarity)
5 A, 30 VDC (Same polarity)
No. of poles
Coil ratings
Contact ratings
Operations
2
6, 12, 24, 48/50, 100/110
110/120, 200/220,
220/240 VAC
6, 12, 24, 48, 100/110,
125 VDC
10 A, 30 VDC
10 A, 250 VAC
10 x 103
4
5 A, 250 VAC
5 A, 30 VDC
100 x 103
MY4Z AC; 50 x 103
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 250 VAC (Resistive)
2 A, 250 VAC (PF0.4)
10 A, 30 VDC (Resistive)
2 A, 30 VDC (L/R=7 ms)
50 x 103
4
5 A, 250 VAC (Resistive)
0.8 A, 250 VAC (PF0.4)
5 A, 30 VDC (Resistive)
1.5 A, 30 VDC (L/R=7 ms)
50 x 103
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 250 VAC
10 A, 30 VDC
10 x 103
4
5 A, 250 VAC
5 A, 30 VDC
100 x 103
MY4Z AC; 50 x 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com