Electronic Components Datasheet Search
  English  ▼

X  

SI-50170 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SI-50170
Description  10Base-T/100Base-TX Physical Layer Transceiver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SI-50170 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SI-50170 Datasheet HTML 1Page - Micrel Semiconductor SI-50170 Datasheet HTML 2Page - Micrel Semiconductor SI-50170 Datasheet HTML 3Page - Micrel Semiconductor SI-50170 Datasheet HTML 4Page - Micrel Semiconductor SI-50170 Datasheet HTML 5Page - Micrel Semiconductor SI-50170 Datasheet HTML 6Page - Micrel Semiconductor SI-50170 Datasheet HTML 7Page - Micrel Semiconductor SI-50170 Datasheet HTML 8Page - Micrel Semiconductor SI-50170 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Micrel, Inc.
KSZ8041NL/RNL
September 2010
2
M9999-090910-1.4
Features
• Single-chip 10Base-T/100Base-TX physical layer
solution
• Fully compliant to IEEE 802.3u Standard
• Low power CMOS design, power consumption of
<180mW
• HP auto MDI/MDI-X for reliable detection and
correction for straight-through and crossover cables
with disable and enable option
• Robust operation over standard cables
• Power down and power saving modes
• MII interface support (KSZ8041NL only)
• RMII interface support with external 50MHz system
clock (KSZ8041NL only)
• RMII interface support with 25MHz crystal/clock input
and 50MHz reference clock output to MAC
(KSZ8041RNL only)
• MIIM (MDC/MDIO) management bus to 6.25MHz for
rapid PHY register configuration
• Interrupt pin option
• Programmable LED outputs for link, activity and
speed
• ESD rating (6kV)
• Single power supply (3.3V)
• Built-in 1.8V regulator for core
• Available in 32-pin (5mm x 5mm) MLF® package
Applications
• Printer
• LOM
• Game Console
• IPTV
• IP Phone
• IP Set-top Box
Ordering Information
Part Number
Temperature Range
Package
Lead Finish
Description
KSZ8041NL
0°C to 70°C
32-Pin MLF®
Pb-Free
MII / RMII, Commercial Temperature
KSZ8041NLI (1)
−40°C to 85°C
32-Pin MLF®
Pb-Free
MII / RMII, Industrial Temperature
KSZ8041NL AM(1)
−40°C to 85°C
32-Pin MLF®
Pb-Free
MII / RMII, Automotive Qualified Device
KSZ8041MNLU
−40°C to 85°C
32-Pin MLF®
Pb-Free
KSZ8041NL AM with MII support only.
KSZ8041RNLU
−40°C to 85°C
32-Pin MLF®
Pb-Free
KSZ8041NL AM with RMII support only.
KSZ8041RNL
0°C to 70°C
32-Pin MLF®
Pb-Free
RMII with 50MHz clock output, Commercial
Temperature
KSZ8041RNLI (1)
−40°C to 85°C
32-Pin MLF®
Pb-Free
RMII with 50MHz clock output, Industrial
Temperature
Note:
1.
Contact factory for lead time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com