Electronic Components Datasheet Search
  English  ▼

X  

THS4012CD Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4012CD Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS4012CD Datasheet HTML 11Page - Texas Instruments THS4012CD Datasheet HTML 12Page - Texas Instruments THS4012CD Datasheet HTML 13Page - Texas Instruments THS4012CD Datasheet HTML 14Page - Texas Instruments THS4012CD Datasheet HTML 15Page - Texas Instruments THS4012CD Datasheet HTML 16Page - Texas Instruments THS4012CD Datasheet HTML 17Page - Texas Instruments THS4012CD Datasheet HTML 18Page - Texas Instruments THS4012CD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
_
+
THS4011/4012
VCC −
VCC+
0.1 µF
0.1 µF
10kΩ
THS4011
THS4012
www.ti.com
SLOS216E – JUNE 1999 – REVISED APRIL 2010
OFFSET NULLING
The THS401x has low input offset voltage for a high-speed amplifier. However, if additional correction is
required, an offset nulling function has been provided on the THS4011/4012. The input offset can be adjusted by
placing a potentiometer between terminals 1 and 8 of the device and tying the wiper to the negative supply (see
Figure 28).
Figure 28. Offset Nulling Schematic
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com