Electronic Components Datasheet Search
  English  ▼

X  

THS4012CD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4012CD
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4012CD Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4012CD Datasheet HTML 12Page - Texas Instruments THS4012CD Datasheet HTML 13Page - Texas Instruments THS4012CD Datasheet HTML 14Page - Texas Instruments THS4012CD Datasheet HTML 15Page - Texas Instruments THS4012CD Datasheet HTML 16Page - Texas Instruments THS4012CD Datasheet HTML 17Page - Texas Instruments THS4012CD Datasheet HTML 18Page - Texas Instruments THS4012CD Datasheet HTML 19Page - Texas Instruments THS4012CD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
_
+
THS401x
100 Ω
Input
Output
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
OFFSET VOLTAGE
The output offset voltage (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset voltage:
Figure 29. Output Offset Voltage Model
OPTIMIZING UNITY GAIN RESPONSE
Internal frequency compensation of the THS401x was selected to provide very wideband performance, yet
maintain stability when operating in a noninverting unity gain configuration. When amplifiers are compensated in
this manner, there is usually peaking in the closed-loop response and some ringing in the step response for fast
input edges, depending on the application. This is because a minimum phase margin is maintained for the
G = +1 configuration. For optimum settling time and minimum ringing, a feedback resistor of 100
Ω should be
used (see Figure 30). Additional capacitance can also be used in parallel with the feedback resistance if even
finer optimization is required.
Figure 30. Noninverting Unity Gain Schematic
GENERAL CONFIGURATIONS
When receiving low-level signals, limiting the bandwidth of the incoming signals into the system is often required.
The simplest way to accomplish this is to place an RC filter at the noninverting terminal of the amplifier (see
Figure 31).
Figure 31. Single-Pole Low-Pass Filter
16
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com