Electronic Components Datasheet Search
  English  ▼

X  

TPS2206IDFLE Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2206IDFLE
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206IDFLE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2206IDFLE Datasheet HTML 9Page - Texas Instruments TPS2206IDFLE Datasheet HTML 10Page - Texas Instruments TPS2206IDFLE Datasheet HTML 11Page - Texas Instruments TPS2206IDFLE Datasheet HTML 12Page - Texas Instruments TPS2206IDFLE Datasheet HTML 13Page - Texas Instruments TPS2206IDFLE Datasheet HTML 14Page - Texas Instruments TPS2206IDFLE Datasheet HTML 15Page - Texas Instruments TPS2206IDFLE Datasheet HTML 16Page - Texas Instruments TPS2206IDFLE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TPS2206
DUALSLOT PC CARD POWERINTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138D − MAY 1996 − REVISED JANUARY 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IDD
Supply current, VI(5V) = 5 V
vs Junction temperature
19
IDD
Supply current, VI(5V) = 0
vs Junction temperature
20
rDS(on)
Static drain-source on-state resistance, 3.3-V switch, VI(5V) = 5 V
vs Junction temperature
21
rDS(on)
Static drain-source on-state resistance, 3.3-V switch, VI(5V) = 0
vs Junction temperature
22
rDS(on)
Static drain-source on-state resistance, 5-V switch
vs Junction temperature
23
rDS(on)
Static drain-source on-state resistance, 12-V switch
vs Junction temperature
24
VO(xVCC)
Output voltage, 5-V switch
vs Output current
25
VO(xVCC)
Output voltage, 3.3-V switch, VI(5V) = 5 V
vs Output current
26
VO(xVCC)
Output voltage, 3.3-V switch, VI(5V) = 0
vs Output current
27
VO(xVPP)
Output voltage, 12-V switch
vs Output current
28
IOS(xVCC)
Short-circuit current, 5-V switch
vs Junction temperature
29
IOS(xVCC)
Short-circuit current, 3.3-V switch
vs Junction temperature
30
IOS(xVPP)
Short-circuit current, 12-V switch
vs Junction temperature
31
Figure 19
SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
120
115
140
110
130
125
135
155
− 50
0
25
75
125
145
150
VO(AVCC) = VO(BVCC) = 5 V
VO(AVPP) = VO(BVPP) = 12 V
No load
− 25
50
100
Figure 20
SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
140
125
120
110
145
150
155
135
130
115
− 50
0
25
75
125
− 25
50
100
VO(AVCC) = VO(BVCC) = 3.3 V
VO(AVPP) = VO(BVPP) = 0 V
VI(5V) = 0
No load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com