Electronic Components Datasheet Search
  English  ▼

X  

TPS2206IDFLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2206IDFLE
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2206IDFLE Datasheet(HTML) 2 Page - Texas Instruments

  TPS2206IDFLE Datasheet HTML 1Page - Texas Instruments TPS2206IDFLE Datasheet HTML 2Page - Texas Instruments TPS2206IDFLE Datasheet HTML 3Page - Texas Instruments TPS2206IDFLE Datasheet HTML 4Page - Texas Instruments TPS2206IDFLE Datasheet HTML 5Page - Texas Instruments TPS2206IDFLE Datasheet HTML 6Page - Texas Instruments TPS2206IDFLE Datasheet HTML 7Page - Texas Instruments TPS2206IDFLE Datasheet HTML 8Page - Texas Instruments TPS2206IDFLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS2206
DUALSLOT PC CARD POWERINTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138D − MAY 1996 − REVISED JANUARY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TPS2206 incorporates a reset function, selectable by one of two inputs, to help alleviate system errors. The
reset function enables PC Card initialization concurrent with host platform initialization, allowing a system reset.
Reset is accomplished by grounding the VCC and Vpp (flash-memory programming voltage) outputs, which
discharges residual card voltage.
End equipment for the TPS2206 includes notebook computers, desktop computers, personal digital assistants
(PDAs), digital cameras and bar-code scanners.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES
CHIP FORM (Y)
TA
PLASTIC SMALL OUTLINE (DB)
PLASTIC SMALL OUTLINE (DF)
TSSOP (DAP)
CHIP FORM (Y)
−40
°C to 85°C
TPS2206IDB
TPS2206IDFR
TPS2206IDAPR
TPS2206Y
The DB package is available taped and reeled (add an R suffix to the device type, e.g., TPS2206IDBR). The DF and DAP packages are only
available taped and reeled, indicated by the R suffix.
typical PC card power-distribution application
PCMCIA
Controller
12 V
Power Supply
Vpp1
Vpp2
VCC
VCC
PC
Card A
TPS2206
5 V
3.3 V
OC
Serial Interface
3
Vpp1
Vpp2
VCC
VCC
PC
Card B
12V
5V
3.3V
AVPP
AVCC
AVCC
BVPP
BVCC
BVCC
BVCC
AVCC
Supervisor
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com