Electronic Components Datasheet Search
  English  ▼

X  

TPS2104DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2104DBVT
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2104DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2104DBVT Datasheet HTML 6Page - Texas Instruments TPS2104DBVT Datasheet HTML 7Page - Texas Instruments TPS2104DBVT Datasheet HTML 8Page - Texas Instruments TPS2104DBVT Datasheet HTML 9Page - Texas Instruments TPS2104DBVT Datasheet HTML 10Page - Texas Instruments TPS2104DBVT Datasheet HTML 11Page - Texas Instruments TPS2104DBVT Datasheet HTML 12Page - Texas Instruments TPS2104DBVT Datasheet HTML 13Page - Texas Instruments TPS2104DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TPS2104, TPS2105
VAUX POWER-DISTRIBUTION SWITCHES
SLVS235A – SEPTEMBER 1999 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
100
10
1
0.01
0.1
1
10
1000
IN1 SWITCH FALL TIME
vs
OUTPUT CURRENT
10000
100
1000
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
IO – Output Current – mA
VI(IN1) = 5 V
VI(IN2) = 0 V
TJ = 25°C
Figure 10
10
1
0.1
0.01
0.1
100
IN2 SWITCH FALL TIME
vs
OUTPUT CURRENT
1000
1
100
IO – Output Current – mA
VI(IN1) = 0 V
VI(IN2) = 5 V
TJ = 25°C
10
CL = 47 µF
CL = 10 µF
CL = 100 µF
CL = 1 µF
Figure 11
0.4
0.2
0
0.01
0.1
0.6
0.8
1
1
100
OUTPUT VOLTAGE DROOP
vs
OUTPUT CURRENT WHEN OUTPUT
IS SWITCHED FROM IN2 TO IN1†
CL = 100 µF
CL = 10 µF
CL = 1 µF
CL = 220 µF
IO – Output Current – mA
VI(IN1) = 5 V
VI(IN2) = 5 V
TJ = 25°C
CL = 47 µF
10
Figure 12
2
1
0
0
100
200
300
2.5
3
INRUSH CURRENT
vs
OUTPUT CAPACITANCE
3.5
400
500
1.5
0.5
Co – Output Capacitance – µF
VI(IN1) = 5 V
VI(IN2) = 0 V
RL = 10 Ω
TJ = 25°C
† If switching from IN1 to IN2, the voltage droop is much smaller. Therefore, the load capacitance should be chosen according to the curves in
Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com