Electronic Components Datasheet Search
  English  ▼

X  

TPS2104DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2104DBVT
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2104DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2104DBVT Datasheet HTML 8Page - Texas Instruments TPS2104DBVT Datasheet HTML 9Page - Texas Instruments TPS2104DBVT Datasheet HTML 10Page - Texas Instruments TPS2104DBVT Datasheet HTML 11Page - Texas Instruments TPS2104DBVT Datasheet HTML 12Page - Texas Instruments TPS2104DBVT Datasheet HTML 13Page - Texas Instruments TPS2104DBVT Datasheet HTML 14Page - Texas Instruments TPS2104DBVT Datasheet HTML 15Page - Texas Instruments TPS2104DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TPS2104, TPS2105
VAUX POWER-DISTRIBUTION SWITCHES
SLVS235A – SEPTEMBER 1999 – REVISED APRIL 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
280
240
200
–40
–10
20
50
320
IN1-OUT ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
360
80
110
140
TJ – Junction Temperature – °C
VI(IN1) = 2.7 V
VI(IN1) = 3.3 V
VI(IN1) = 4 V
VI(IN1) = 5 V
VI(IN1) = 5.5 V
Figure 18
1.5
1
0.5
–40
–10
20
50
2
2.5
IN2-OUT ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
3
80
110
140
VI(IN2) = 3.3 V
VI(IN2) = 2.7 V
TJ – Junction Temperature – °C
VI(IN2) = 5.5 V
VI(IN2) = 5 V
VI(IN2) = 4 V
APPLICATION INFORMATION
EN
IN1
IN2
OUT
GND
5 V VAUX
5 V VCC
CardBus or System Controller
TPS2104
0.22
µF
0.22
µF
1
µF
xx
µF
5 V
Figure 19. Typical Application
power-supply considerations
A 0.22-
µF ceramic bypass capacitor between IN and GND, close to the device is recommended. The output
capacitor should be chosen based on the size of the load during the transition of the switch. A 220-
µF capacitor
is recommended for 100-mA loads. Typical output capacitors (xx
µF, shown in Figure 19) required for a given
load can be determined from Figure 11 which shows the output voltage droop when output is switched from IN2
to IN1. The output voltage droop is insignificant when output is switched from IN1 to IN2. Additionally, bypassing
the output with a 1-
µF ceramic capacitor improves the immunity of the device to short-circuit transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com