Electronic Components Datasheet Search
  English  ▼

X  

FZT705 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FZT705
Description  SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT705 Datasheet(HTML) 1 Page - Diodes Incorporated

  FZT705 Datasheet HTML 1Page - Diodes Incorporated FZT705 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT223 PNP SILICON PLANAR MEDIUM
POWER DARLINGTON TRANSISTOR
ISSUE 2 - OCTOBER 1995
FEATURES
* 2A CONTINUOUS CURRENT
* FAST SWITCHING
* GUARANTEED HFE SPECIFIED UP TO 2A
COMPLEMENTARY TYPE – FZT 605
PART MARKING DETAIL –
FZT705
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-140
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-10
V
Peak Pulse Current
ICM
-4
A
Continuous Collector Current
IC
-2
A
Power Dissipation
PTOT
2W
Operating and Storage Temperature Range
tj:tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
-140
V
IC=-100mA
V(BR)CEO
-120
V
IC=-10mA*
V(BR)EBO
-10
V
IE=-100µA
Collector Cut-Off
Current
ICBO
-0.1
-10
µ
A
µ
A
VCB=-120V
VCB=-120V, Tamb=100°C
ICES
-10
µ
A
VCES=-80V
Emitter Cut-Off Current
IEBO
-0.1
µ
A
VEB=-8V
SaturationVoltages
VCE(sat)
-1.3
-2.5
V
V
IC=-1A, IB=-1mA
IC=-2A, IB=-2mA
VBE(sat)
-1.8
V
IC=-1A, IB=-10mA
Base-Emitter Turn-On
Voltage
VBE(on)
-1.7
V
IC=-1A, VCE=-5V
Static Forward Current
Transfer
hFE
3000
3000
3000
2000
30000
IC=-10mA, VCE=-5V
IC=-100mA, VCE=-5V
IC=-1A, VCE=-5V
IC=-2A, VCE=-5V
Transitional
Frequency
fT
160
MHz
IC=-100mA, VCE=-10V
f=20MHz
Output Capacitance
Cobo
15
pF
VEB=-10V, f=1MHz
Switching Times
Ton
0.6
µ
s
IC=-0.5A, VCE=-10V
IB1=IB2=0.5mA
Toff
0.8
µ
s
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FZT705
C
C
E
B
3 - 230


Similar Part No. - FZT705

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT705 ZETEX-FZT705 Datasheet
55Kb / 2P
PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FZT705 DIODES-FZT705 Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
ISSUE 2 - OCTOBER 1995
logo
List of Unclassifed Man...
FZT705 ETC2-FZT705 Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FZT7053 DIODES-FZT7053 Datasheet
131Kb / 5P
100V NPN Darlington transistor in SOT223
Rev 2
FZT7053TA DIODES-FZT7053TA Datasheet
131Kb / 5P
100V NPN Darlington transistor in SOT223
Rev 2
More results

Similar Description - FZT705

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT704 ZETEX-FZT704 Datasheet
71Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT549 DIODES-FZT549 Datasheet
52Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1995
FZT600 DIODES-FZT600 Datasheet
112Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FEBRUARY 1997
FZT603 DIODES-FZT603 Datasheet
134Kb / 3P
SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
NOVEMBER 1995
FZT705 DIODES-FZT705 Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
ISSUE 2 - OCTOBER 1995
FZT749 DIODES-FZT749 Datasheet
99Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 4 - NOVEMBER 1995
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 5 MARCH 2005
FZT704 DIODES-FZT704 Datasheet
72Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
SEPTEMBER 1995
logo
List of Unclassifed Man...
FZT705TC ETC2-FZT705TC Datasheet
66Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com