Electronic Components Datasheet Search
  English  ▼

X  

FZT705 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FZT705
Description  SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT705 Datasheet(HTML) 2 Page - Diodes Incorporated

  FZT705 Datasheet HTML 1Page - Diodes Incorporated FZT705 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FZT704
FZT705
FZT705
FZT704
3 - 231
0.01
0.1
20
110
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
0.001
0.01
0.1
20
1
10
10k
8k
6k
4k
0
2k
16k
14k
12k
+100°C
+25°C
-55°C
I+ -
Collector Current (Amps)
hFE v IC
VCE=-5V
0.001
0.01
0.1
20
110
-55°C
+25°C
+100°C
+175°C
I+ -
Collector Current (Amps)
VBE(sat) v IC
IC/IB=1000
0.001
0.01
0.1
20
110
0.8
0.6
1.8
2.4
2.2
2.0
-55°C
+25°C
+100°C
I+ -
Collector Current (Amps)
VBE(on) v IC
VCE=-5V
0.001
1.0
0.8
0.6
0.4
1.6
1.4
1.2
1.8
1.0
0.8
0.6
0.4
1.6
1.4
1.2
1.8
1.0
1.6
1.4
1.2
IC/IB=1000
-55°C
+25°C
+100°C
+175°C
0.2
0.2
VCE - Collector Voltage (Volts)
VCE - Collector Voltage (Volts)
Safe Operating Area
Safe Operating Area
110
100
1000
0.1
1
10
D.C.
100ms
10ms
1.0ms
100µs
1s
10
1
0.1
1
10
100
1000
Single Pulse Test at Tamb=25 °C
Single Pulse Test at Tamb=25 °C
D.C.
100ms
10ms
1.0ms
100µs
1s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com