Electronic Components Datasheet Search
  English  ▼

X  

AD633JRZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD633JRZ
Description  Low Cost Analog Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633JRZ Datasheet(HTML) 5 Page - Analog Devices

  AD633JRZ Datasheet HTML 1Page - Analog Devices AD633JRZ Datasheet HTML 2Page - Analog Devices AD633JRZ Datasheet HTML 3Page - Analog Devices AD633JRZ Datasheet HTML 4Page - Analog Devices AD633JRZ Datasheet HTML 5Page - Analog Devices AD633JRZ Datasheet HTML 6Page - Analog Devices AD633JRZ Datasheet HTML 7Page - Analog Devices AD633JRZ Datasheet HTML 8Page - Analog Devices AD633JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD633
Rev. I | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD633JN/AD633AN
1
1
A
1
10V
1
X1
2
X2
3
Y1
4
Y2
8
+VS
7
W
Z
6
5
–VS
W =
+ Z
(X1 – X2)(Y1 – Y2)
10V
Figure 2. 8-Lead PDIP
AD633JR/AD633AR
1
1
1
10V
1
Y1
2
Y2
3
–VS
4
Z
8
X2
7
X1
+VS
6
5
W
A
W =
+ Z
(X1 – X2)(Y1 – Y2)
10V
Figure 3. 8-Lead SOIC
Table 4. 8-Lead PDIP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
X1
X Multiplicand Noninverting Input
2
X2
X Multiplicand Inverting Input
3
Y1
Y Multiplicand Noninverting Input
4
Y2
Y Multiplicand Inverting Input
5
−VS
Negative Supply Rail
6
Z
Summing Input
7
W
Product Output
8
+VS
Positive Supply Rail
Table 5. 8-Lead SOIC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Y1
Y Multiplicand Noninverting Input
2
Y2
Y Multiplicand Inverting Input
3
−VS
Negative Supply Rail
4
Z
Summing Input
5
W
Product Output
6
+VS
Positive Supply Rail
7
X1
X Multiplicand Noninverting Input
8
X2
X Multiplicand Inverting Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com