Electronic Components Datasheet Search
  English  ▼

X  

AD633JRZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD633JRZ
Description  Low Cost Analog Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633JRZ Datasheet(HTML) 1 Page - Analog Devices

  AD633JRZ Datasheet HTML 1Page - Analog Devices AD633JRZ Datasheet HTML 2Page - Analog Devices AD633JRZ Datasheet HTML 3Page - Analog Devices AD633JRZ Datasheet HTML 4Page - Analog Devices AD633JRZ Datasheet HTML 5Page - Analog Devices AD633JRZ Datasheet HTML 6Page - Analog Devices AD633JRZ Datasheet HTML 7Page - Analog Devices AD633JRZ Datasheet HTML 8Page - Analog Devices AD633JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Cost
Analog Multiplier
Data Sheet
AD633
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
4-quadrant multiplication
Low cost, 8-lead SOIC and PDIP packages
Complete—no external components required
Laser-trimmed accuracy and stability
Total error within 2% of full scale
Differential high impedance X and Y inputs
High impedance unity-gain summing input
Laser-trimmed 10 V scaling reference
APPLICATIONS
Multiplication, division, squaring
Modulation/demodulation, phase detection
Voltage-controlled amplifiers/attenuators/filters
FUNCTIONAL BLOCK DIAGRAM
1
1
A
1
10V
X1
X2
Y1
Y2
W
Z
Figure 1.
GENERAL DESCRIPTION
The AD633 is a functionally complete, four-quadrant, analog
multiplier. It includes high impedance, differential X and Y inputs,
and a high impedance summing input (Z). The low impedance
output voltage is a nominal 10 V full scale provided by a buried
Zener. The AD633 is the first product to offer these features in
modestly priced 8-lead PDIP and SOIC packages.
The AD633 is laser calibrated to a guaranteed total accuracy of
2% of full scale. Nonlinearity for the Y input is typically less
than 0.1% and noise referred to the output is typically less than
100 μV rms in a 10 Hz to 10 kHz bandwidth. A 1 MHz bandwidth,
20 V/μs slew rate, and the ability to drive capacitive loads make
the AD633 useful in a wide variety of applications where
simplicity and cost are key concerns.
The versatility of the AD633 is not compromised by its simplicity.
The Z input provides access to the output buffer amplifier, enabling
the user to sum the outputs of two or more multipliers, increase
the multiplier gain, convert the output voltage to a current, and
configure a variety of applications.
The AD633 is available in 8-lead PDIP and SOIC packages. It is
specified to operate over the 0°C to 70°C commercial temperature
range (J Grade) or the −40°C to +85°C industrial temperature
range (A Grade).
PRODUCT HIGHLIGHTS
1.
The AD633 is a complete four-quadrant multiplier offered
in low cost 8-lead SOIC and PDIP packages. The result is a
product that is cost effective and easy to apply.
2.
No external components or expensive user calibration are
required to apply the AD633.
3.
Monolithic construction and laser calibration make the
device stable and reliable.
4.
High (10 MΩ) input resistances make signal source
loading negligible.
5.
Power supply voltages can range from ±8 V to ±18 V. The
internal scaling voltage is generated by a stable Zener diode;
multiplier accuracy is essentially supply insensitive.


Similar Part No. - AD633JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
903Kb / 21P
Low Cost Analog Multiplier
Rev. J
AD633JRZ AD-AD633JRZ Datasheet
1Mb / 20P
Low Cost Analog Multiplier
Rev. K
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
Low Cost Analog Multiplier
Rev. I
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
903Kb / 21P
Low Cost Analog Multiplier
Rev. J
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
1Mb / 20P
Low Cost Analog Multiplier
Rev. K
More results

Similar Description - AD633JRZ

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
ANALOG MULTIPLIER
logo
Analog Devices
AD633 AD-AD633 Datasheet
144Kb / 8P
Low Cost Analog Multiplier
REV.B
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
Analog Multiplier
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
Low Cost Frequency Multiplier
logo
PulseCore Semiconductor
P2384A PULSECORE-P2384A Datasheet
404Kb / 10P
Low Cost Frequency Multiplier
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
logo
Analog Devices
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
Low Cost Analog Multiplier
Rev. I
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
Low Cost Analog Multiplier
Rev. J
logo
ON Semiconductor
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com