Electronic Components Datasheet Search
  English  ▼

X  

CLD-AP147 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLD-AP147
Description  Cree짰 XLamp짰 XH Family LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP147 Datasheet(HTML) 3 Page - Cree, Inc

  CLD-AP147 Datasheet HTML 1Page - Cree, Inc CLD-AP147 Datasheet HTML 2Page - Cree, Inc CLD-AP147 Datasheet HTML 3Page - Cree, Inc CLD-AP147 Datasheet HTML 4Page - Cree, Inc CLD-AP147 Datasheet HTML 5Page - Cree, Inc CLD-AP147 Datasheet HTML 6Page - Cree, Inc CLD-AP147 Datasheet HTML 7Page - Cree, Inc CLD-AP147 Datasheet HTML 8Page - Cree, Inc CLD-AP147 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
xlamp xH led binning & labeling
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at
www.cree.com.
PerFormanCe grouPs – CHromaTiCiTy
XLamp XH Family White LEDs are tested for luminous flux and placed into one of the following chromaticity groups.
These group codes are used in the Bin Code “Chromaticity bin.” Two-digit group codes are appended with a 0.
region
x
y
region
x
y
region
x
y
region
x
y
0a
0.2950
0.2970
0B
0.2920
0.3060
0c
0.2984
0.3133
0D
0.2984
0.3133
0.2920
0.3060
0.2895
0.3135
0.2962
0.3220
0.3048
0.3207
0.2984
0.3133
0.2962
0.3220
0.3028
0.3304
0.3068
0.3113
0.3009
0.3042
0.2984
0.3133
0.3048
0.3207
0.3009
0.3042
0r
0.2980
0.2880
0S
0.2895
0.3135
0T
0.2962
0.3220
0U
0.3037
0.2937
0.2950
0.2970
0.2870
0.3210
0.2937
0.3312
0.3009
0.3042
0.3009
0.3042
0.2937
0.3312
0.3005
0.3415
0.3068
0.3113
0.3037
0.2937
0.2962
0.3220
0.3028
0.3304
0.3093
0.2993
1a
0.3048
0.3207
1B
0.3028
0.3304
1c
0.3115
0.3391
1D
0.3130
0.3290
0.3130
0.3290
0.3115
0.3391
0.3205
0.3481
0.3213
0.3373
0.3144
0.3186
0.3130
0.3290
0.3213
0.3373
0.3221
0.3261
0.3068
0.3113
0.3048
0.3207
0.3130
0.3290
0.3144
0.3186
1r
0.3068
0.3113
1S
0.3005
0.3415
1T
0.3099
0.3509
1U
0.3144
0.3186
0.3144
0.3186
0.3099
0.3509
0.3196
0.3602
0.3221
0.3261
0.3161
0.3059
0.3115
0.3391
0.3205
0.3481
0.3231
0.3120
0.3093
0.2993
0.3028
0.3304
0.3115
0.3391
0.3161
0.3059
2a
0.3215
0.3350
2B
0.3207
0.3462
2c
0.3290
0.3538
2D
0.3290
0.3417
0.3290
0.3417
0.3290
0.3538
0.3376
0.3616
0.3371
0.3490
0.3290
0.3300
0.3290
0.3417
0.3371
0.3490
0.3366
0.3369
0.3222
0.3243
0.3215
0.3350
0.3290
0.3417
0.3290
0.3300
2r
0.3222
0.3243
2S
0.3196
0.3602
2T
0.3290
0.3690
2U
0.3290
0.3300
0.3290
0.3300
0.3290
0.3690
0.3381
0.3762
0.3366
0.3369
0.3290
0.3180
0.3290
0.3538
0.3376
0.3616
0.3361
0.3245
0.3231
0.3120
0.3207
0.3462
0.3290
0.3538
0.3290
0.3180
3a
0.3371
0.3490
3B
0.3376
0.3616
3c
0.3463
0.3687
3D
0.3451
0.3554
0.3451
0.3554
0.3463
0.3687
0.3551
0.3760
0.3533
0.3620
0.3440
0.3427
0.3451
0.3554
0.3533
0.3620
0.3515
0.3487
0.3366
0.3369
0.3371
0.3490
0.3451
0.3554
0.3440
0.3427
3r
0.3366
0.3369
3S
0.3381
0.3762
3T
0.3480
0.3840
3U
0.3440
0.3428
0.3440
0.3428
0.3480
0.3840
0.3571
0.3907
0.3515
0.3487
0.3429
0.3307
0.3463
0.3687
0.3551
0.3760
0.3495
0.3339
0.3361
0.3245
0.3376
0.3616
0.3463
0.3687
0.3429
0.3307
4a
0.3530
0.3597
4B
0.3548
0.3736
4c
0.3641
0.3804
4D
0.3615
0.3659
0.3615
0.3659
0.3641
0.3804
0.3736
0.3874
0.3702
0.3722
0.3590
0.3521
0.3615
0.3659
0.3702
0.3722
0.3670
0.3578
0.3512
0.3465
0.3530
0.3597
0.3615
0.3659
0.3590
0.3521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com