| Electronic Components Datasheet Search |
|
CLD-AP147 Datasheet(PDF) 1 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
CLD-AP147 Datasheet(HTML) 1 Page - Cree, Inc |
|
1 / 12 page ![]() Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com/xlamp binning & LabeLing Cree® XLamp® XH Family LeDs cree, Inc. 4600 Silicon Drive Durham, Nc 27703 USa Tel: +1.919.313.5300 copyright © 2013 cree, Inc. all rights reserved. The information in this document is subject to change without notice. cree®, the cree logo and XLamp® are registered trademarks of cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets available at www.cree.com. TabLe oF ConTenTs Introduction......................................................... 1 Bin and Order-Code Format ................................... 2 Performance Groups – Luminous Flux...................... 2 performance Groups – chromaticity ........................ 3 cree’s Standard white chromaticity regions plotted on the 1931 cIe curve .......................................... 6 cree’s Standard cool white Kits plotted on aNSI Standard chromaticity regions............................... 7 cree’s Standard warm and Neutral white Kits plotted on aNSI Standard chromaticity regions .................. 8 cree’s Standard chromaticity Kits........................... 9 Standard order codes and Bins XH-B aNSI cool white......................................10 XH-B Neutral white .........................................10 XH-B warm white ...........................................11 XH-G aNSI cool white .....................................11 XH-G Neutral white .........................................12 XH-G warm white ...........................................12 inTroDuCTion This document describes the product nomenclature required to select and order Cree’s XLamp XH Family LEDs. XLamp XH Family LEDs are tested and sorted into bins which are then combined into orderable kits identified by an order code. all XLamp LeDs are tested and sorted by color and brightness into a unique bin. each bin contains LeDs from only one color and brightness group and is uniquely identified by a bin code. White XLamp LEDs are sorted by chromaticity (color) and luminous flux (brightness). LeDs are shipped on reels containing LeDs from one bin and are always labeled with the appropriate bin code. Kits contain LeDs from a number of similar bins and are fully defined by their order codes. A full explanation of the order codes for XLamp XH Family LEDs, as well as a list of standard order codes, is provided in this document. |
Similar Part No. - CLD-AP147 |
|
Similar Description - CLD-AP147 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |