Electronic Components Datasheet Search
  English  ▼

X  

AD8208 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8208
Description  High Voltage, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8208 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8208 Datasheet HTML 3Page - Analog Devices AD8208 Datasheet HTML 4Page - Analog Devices AD8208 Datasheet HTML 5Page - Analog Devices AD8208 Datasheet HTML 6Page - Analog Devices AD8208 Datasheet HTML 7Page - Analog Devices AD8208 Datasheet HTML 8Page - Analog Devices AD8208 Datasheet HTML 9Page - Analog Devices AD8208 Datasheet HTML 10Page - Analog Devices AD8208 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8208
Rev. A | Page 7 of 16
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
–40 –30 –20 –10 0
20
10
30 40
60
50
70 80 90
110
100
120 130
TEMPERATURE (°C)
Figure 10. Maximum Output Sink Current vs. Temperature
4.0
4.3
4.6
4.9
5.2
5.5
5.8
6.1
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 11. Maximum Output Source Current vs. Temperature
4.5
4.7
4.9
3.9
4.1
4.3
3.7
3.5
3.3
3.1
2.9
2.7
2.5
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
OUTPUT SOURCE CURRENT (mA)
–40°C
+125°C
+25°C
Figure 12. Output Voltage Range of A2 vs. Output Source Current
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
01
2
3
4
5
67
8
9
10
OUTPUT SINK CURRENT (mA)
–40°C
+125°C
+25°C
Figure 13. Output Voltage Range from GND vs. Output Sink Current
TIME (2µs/DIV)
100mV/DIV
1V/DIV
INPUT
OUTPUT
2
1
Figure 14. Rise Time
TIME (2µs/DIV)
100mV/DIV
1V/DIV
INPUT
OUTPUT
2
1
Figure 15. Fall Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com