Electronic Components Datasheet Search
  English  ▼

X  

AD8208 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8208
Description  High Voltage, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8208 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8208 Datasheet HTML 8Page - Analog Devices AD8208 Datasheet HTML 9Page - Analog Devices AD8208 Datasheet HTML 10Page - Analog Devices AD8208 Datasheet HTML 11Page - Analog Devices AD8208 Datasheet HTML 12Page - Analog Devices AD8208 Datasheet HTML 13Page - Analog Devices AD8208 Datasheet HTML 14Page - Analog Devices AD8208 Datasheet HTML 15Page - Analog Devices AD8208 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8208
Rev. A | Page 13 of 16
Internal Signal Overload Considerations
When configuring the gain for values other than 20, the maximum
input voltage with respect to the supply voltage and ground must
be considered because either the preamplifier or the output buffer
reaches its full-scale output (VS − 0.1 V) with large differential
input voltages. The input of the AD8208 is limited to (VS − 0.1) ÷
10 for overall gains of ≤10 because the preamplifier, with its
fixed gain of 10 V/V, reaches its full-scale output before the
output buffer. For gains greater than 10, the swing at the buffer
output reaches its full scale first and then limits the AD8208
input to (VS − 0.1) ÷ G, where G is the overall gain.
LOW-PASS FILTERING
In many transducer applications, it is necessary to filter the signal
to remove spurious high frequency components, including noise,
or to extract the mean value of a fluctuating signal with a peak-
to-average ratio (PAR) greater than unity. For example, a full-wave
rectified sinusoid has a PAR of 1.57, a raised cosine has a PAR
of 2, and a half-wave sinusoid has a PAR of 3.14. Signals with
large spikes may have PARs of 10 or more.
When implementing a filter, the PAR should be considered so
that the output of the AD8208 preamplifier (A1) does not clip
before A2; otherwise, the nonlinearity would be averaged and
appear as an error at the output. To avoid this error, both amplifiers
should clip at the same time. This condition is achieved when the
PAR is no greater than the gain of the second amplifier (2 for
the default configuration). For example, if a PAR of 5 is expected,
the gain of A2 should be increased to 5.
Low-pass filters can be implemented in several ways by using
the features provided by the AD8208. In the simplest case, a
single-pole filter (20 dB/decade) is formed when the output
of A1 is connected to the input of A2 via the internal 100 kΩ
resistor by tying Pin 3 to Pin 4 and adding a capacitor from this
node to ground, as shown in Figure 33. If a resistor is added
across the capacitor to lower the gain, the corner frequency
increases; therefore, gain should be calculated using the parallel
sum of the resistor and 100 kΩ.
GND
NC
–IN
+IN
A1
VS
A2
OUT
AD8208
VDIFF
VCM
CF
NC = NO CONNECT
OUTPUT
fC =
1
2πC105
C IN FARADS
5V
+
–
+
–
Figure 33. Single-Pole, Low-Pass Filter Using the Internal 100 kΩ Resistor
If the gain is raised using a resistor, as shown in Figure 31, the
corner frequency is lowered by the same factor as the gain is raised.
Therefore, using a resistor of 200 kΩ (for which the gain would
be doubled), results in a corner frequency scaled to 0.796 Hz μF
(0.039 μF for a 20 Hz corner frequency).
GND
NC
–IN
+IN
A1
VS
A2
OUT
AD8208
5V
VDIFF
VCM
C
C
NC = NO CONNECT
OUTPUT
fC(Hz) = 1/C(µF)
255kΩ
+
–
+
–
Figure 34. Two-Pole, Low-Pass Filter
A two-pole filter with a roll-off of 40 dB/decade can be
implemented using the connections shown in Figure 34. This
configuration is a Sallen-Key form based on a ×2 amplifier. It is
useful to remember that a two-pole filter with a corner frequency
of f2 and a single-pole filter with a corner frequency of f1 have
the same attenuation, that is, 40 log (f2/f1), as shown in Figure 35.
Using the standard resistor value shown in Figure 34 and capacitors
of equal values, the corner frequency is conveniently scaled to
1 Hz μF (0.05 μF for a 20 Hz corner frequency). A maximal flat
response occurs when the resistor is lowered to 196 kΩ, scaling
the corner frequency to 1.145 Hz μF. The output offset is raised
by approximately 5 mV (equivalent to 250 μV at the input pins).
40log (f2/f1)
f1
f2
f22/f1
FREQUENCY
A 1-POLE FILTER, CORNER f1, AND
A 2-POLE FILTER, CORNER f2, HAVE
THE SAME ATTENUATION –40log (f2/f1)
AT FREQUENCY f22/f1
20dB/DECADE
40dB/DECADE
Figure 35. Comparative Responses of Single-Pole and Two-Pole Low-Pass Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com