Electronic Components Datasheet Search
  English  ▼

X  

B37953 Datasheet(PDF) 19 Page - EPCOS

Part # B37953
Description  Multilayer Ceramic Capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37953 Datasheet(HTML) 19 Page - EPCOS

Back Button B37953 Datasheet HTML 15Page - EPCOS B37953 Datasheet HTML 16Page - EPCOS B37953 Datasheet HTML 17Page - EPCOS B37953 Datasheet HTML 18Page - EPCOS B37953 Datasheet HTML 19Page - EPCOS B37953 Datasheet HTML 20Page - EPCOS B37953 Datasheet HTML 21Page - EPCOS B37953 Datasheet HTML 22Page - EPCOS B37953 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
18
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Multilayer ceramic capacitors
X7R
Ordering codes and packing for X7R, 50, 100, 200 and 500 VDC, nickel barrier terminations
Chip thickness
Blister tape,
Æ 180-mm reel
Blister tape,
Æ 330-mm reel
**
62
**
72
CR1)
Ordering code2)
mm
pcs/reel
pcs/reel
Case size 1210, 50 VDC
10. nF
B37950K5103K0**
0.8
±0.1
4000
16000
22. nF
B37950K5223K0**
0.8
±0.1
4000
16000
47. nF
B37950K5473K0**
0.8
±0.1
4000
16000
100. nF
B37950K5104K0**
0.8
±0.1
4000
16000
220. nF
B37950K5224K0**
1.2
±0.1
3000
12000
Case size 1210, 100 VDC
10. nF
B37950K1103K0**
0.8
±0.1
4000
16000
15. nF
B37950K1153K0**
0.8
±0.1
4000
16000
22. nF
B37950K1223K0**
0.8
±0.1
4000
16000
33. nF
B37950K1333K0**
0.8
±0.1
4000
16000
47. nF
B37950K1473K0**
0.8
±0.1
4000
16000
68. nF
B37950K1683K0**
0.8
±0.1
4000
16000
100. nF
B37950K1104K0**
0.8
±0.1
4000
16000
150. nF
B37950K1154K0**
1.2
±0.1
3000
12000
Case size 1210, 200 VDC
3.9 nF
B37950K2392K0**
0.8
±0.1
4000
16000
4.7 nF
B37950K2472K0**
0.8
±0.1
4000
16000
6.8 nF
B37950K2682K0**
0.8
±0.1
4000
16000
10. nF
B37950K2103K0**
0.8
±0.1
4000
16000
15. nF
B37950K2153K0**
0.8
±0.1
4000
16000
22. nF
B37950K2223K0**
1.2
±0.1
3000
12000
33. nF
B37950K2333K0**
1.2
±0.1
3000
12000
47. nF
B37950K2473K0**
1.6
±0.1
2000
8000
Case size 1210, 500 VDC
1.0 nF
B37950K3102K0**
0.8
±0.1
4000
16000
1.5 nF
B37950K3152K0**
0.8
±0.1
4000
16000
2.2 nF
B37950K3222K0**
0.8
±0.1
4000
16000
3.3 nF
B37950K3332K0**
0.8
±0.1
4000
16000
4.7 nF
B37950K3472K0**
1.2
±0.1
3000
12000
6.8 nF
B37950K3682K0**
1.2
±0.1
3000
12000
10. nF
B37950K3103K0**
1.6
±0.1
2000
8000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 4.
^
^
X7R; 1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com