Electronic Components Datasheet Search
  English  ▼

X  

B37953 Datasheet(PDF) 3 Page - EPCOS

Part # B37953
Description  Multilayer Ceramic Capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37953 Datasheet(HTML) 3 Page - EPCOS

  B37953 Datasheet HTML 1Page - EPCOS B37953 Datasheet HTML 2Page - EPCOS B37953 Datasheet HTML 3Page - EPCOS B37953 Datasheet HTML 4Page - EPCOS B37953 Datasheet HTML 5Page - EPCOS B37953 Datasheet HTML 6Page - EPCOS B37953 Datasheet HTML 7Page - EPCOS B37953 Datasheet HTML 8Page - EPCOS B37953 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
2
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
Ordering code system
B37941
K
5
102
K
0
60
Packaging
60
cardboard tape, 180-mm reel
62
blister tape, 180-mm reel
70
cardboard tape, 330-mm reel
72
blister tape, 330-mm reel
01
bulk case
^
^
^
^
^
Internal coding
Capacitance tolerance
J
± 5%
K
±10% (standard)
M
±20%
^
^
^
Rated voltage
Rated voltage [VDC]
Code
25
50
100
200
500
0
123
Termination
Standard:
On request:
K
nickel barrier for all case sizes
J
silver-palladium for conductive adhesion: all case sizes
^
^
Type and size
Chip size
(inch / mm)
0603 / 1608
0805 / 2012
1206 / 3216
1210 / 3225
1812 / 4532
2220 / 5750
Temperature characteristic
X7R
B37931
B37941
B37872
B37950
B37953
B37956
Capacitance, coded
(example)
102
10 · 102 pF =
1 nF
104
10 · 104 pF = 100 nF
223
22 · 103 pF = 22 nF
^
^
^
16
95
Chip
X7R
Multilayer ceramic capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com