Electronic Components Datasheet Search
  English  ▼

X  

ADC101S051 Datasheet(PDF) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # ADC101S051
Description  Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADC101S051 Datasheet(HTML) 13 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button ADC101S051 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Applications Information (Continued)
elapsed, CS may be idled either high or low until the next
conversion. If CS is idled low, it must be brought high again
before the start of the next conversion, which begins when
CS is again brought low.
After sixteen SCLK cycles, SDATA returns to TRI-STATE.
Another conversion may be started, after t
QUIET
has
elapsed, by bringing CS low again.
7.2 Shutdown Mode
Shutdown mode is appropriate for applications that either do
not sample continuously, or it is acceptable to trade through-
put for power consumption. When the ADC101S051 is in
shutdown mode, all of the analog circuitry is turned off.
To enter shutdown mode, a conversion must be interrupted
by bringing CS high anytime between the second and tenth
falling edges of SCLK, as shown in Figure 8. Once CS has
been brought high in this manner, the device will enter
shutdown mode, the current conversion will be aborted and
SDATA will enter TRI-STATE. If CS is brought high before the
second falling edge of SCLK, the device will not change
mode; this is to avoid accidentally changing mode as a result
of noise on the CS line.
To exit shutdown mode, bring CS back low. Upon bringing
CS low, the ADC101S051 will begin powering up (power-up
time is specified in the Timing Specifications table). This
power-up delay results in the first conversion result being
unusable. The second conversion performed after power-up,
however, is valid, as shown in Figure 9.
If CS is brought back high before the 10th falling edge of
SCLK, the device will return to shutdown mode. This is done
to avoid accidentally entering normal mode as a result of
noise on the CS line. To exit shutdown mode and remain in
normal mode, CS must be kept low until after the 10th falling
edge of SCLK. The ADC101S051 will be fully powered-up
after 16 SCLK cycles.
8.0 POWER MANAGEMENT
The ADC101S051 takes time to power-up, either after first
applying V
A, or after returning to normal mode from shut-
down mode. This corresponds to one "dummy" conversion
for any SCLK frequency within the specifications in this
document.
After
this
first
dummy
conversion,
the
ADC101S051 will perform conversions properly. Note that
the t
QUIET
time must still be included between the first
dummy conversion and the second valid conversion.
When the V
A supply is first applied, the ADC101S051 may
power up in either of the two modes: normal or shutdown. As
such, one dummy conversion should be performed after
start-up, as described in the previous paragraph. The part
may then be placed into either normal mode or the shutdown
mode, as described in Sections 7.1 and 7.2.
When the ADC101S051 is operated continuously in normal
mode, the maximum throughput is f
SCLK / 20. Throughput
may be traded for power consumption by running f
SCLK at its
maximum specified rate and performing fewer conversions
per unit time, raising the ADC101S051 CS line after the 10th
and before the 15th fall of SCLK between conversions. A plot
of typical power consumption versus throughput is shown in
the Typical Performance Curves section. To calculate the
power consumption for a given throughput, multiply the frac-
tion of time spent in the normal mode by the normal mode
power consumption and add the fraction of time spent in
shutdown mode multiplied by the shutdown mode power
consumption. Note that the curve of power consumption vs.
throughput is essentially linear. This is because the power
consumption in the shutdown mode is so small that it can be
ignored for all practical purposes.
20144716
FIGURE 8. Entering Shutdown Mode
20144717
FIGURE 9. Entering Normal Mode
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com