Electronic Components Datasheet Search
  English  ▼

X  

ADC101S051 Datasheet(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # ADC101S051
Description  Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADC101S051 Datasheet(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  ADC101S051 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC101S051 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage V
A
−0.3V to 6.5V
Voltage on Any Analog Pin to GND
−0.3V to (V
A +0.3V)
Voltage on Any Digital Pin to GND
−0.3V to 6.5V
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current (Note 3)
±20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
3500V
300V
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
V
A Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
(regardless of supply voltage)
−0.3V to 5.25V
Analog Input Pins Voltage Range
0V to V
A
Clock Frequency
1 MHz to 10 MHz
Sample Rate
up to 500 ksps
Package Thermal Resistance
Package
θ
JA
6-lead LLP
94˚C / W
6-lead SOT-23
265˚C / W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 6)
ADC101S051 Converter Electrical Characteristics (Notes 7, 9)
The following specifications apply for V
A = +2.7V to 5.25V, fSCLK = 4 MHz to 10 MHz, fSAMPLE = 200 ksps to 500 ksps,
C
L = 15 pF, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 9)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10
Bits
INL
Integral Non-Linearity
V
A = +2.7 to +3.6V
+0.12
±0.7
LSB (max)
−0.08
LSB (min)
V
A = +4.75 to +5.25V
+0.15
±0.7
LSB (max)
−0.09
LSB (min)
DNL
Differential Non-Linearity
V
A = +2.7 to +3.6V
+0.15
±0.6
LSB (max)
−0.11
LSB (min)
V
A = +4.75 to +5.25V
+0.15
±0.6
LSB (max)
−0.11
LSB (min)
V
OFF
Offset Error
V
A = +2.7 to +3.6V
+0.21
±0.7
LSB (max)
V
A = +4.75 to +5.25V
+0.11
±0.7
LSB (max)
GE
Gain Error
V
A = +2.7 to +3.6V
−0.2
±1.0
LSB (max)
V
A = +4.75 to +5.25V
−0.33
±1.0
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
61.5
60.8
dB (min)
SNR
Signal-to-Noise Ratio
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
61.6
61.1
dB (min)
THD
Total Harmonic Distortion
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
−79
−72.5
dB (max)
SFDR
Spurious-Free Dynamic Range
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
81
74
dB (min)
ENOB
Effective Number of Bits
V
A = +2.7 to 5.25V
f
IN = 100 kHz, −0.02 dBFS
9.9
9.8
Bits (min)
IMD
Intermodulation Distortion, Second
Order Terms
V
A = +5.25V
f
a = 103.5 kHz, fb = 113.5 kHz
−83
dB
Intermodulation Distortion, Third
Order Terms
V
A = +5.25V
f
a = 103.5 kHz, fb = 113.5 kHz
−82
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com