Electronic Components Datasheet Search
  English  ▼

X  

LKT Datasheet(PDF) 8 Page - Kingtronics International Company

Part # LKT
Description  Low Voltage Multilayer Chip Ceramic Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

LKT Datasheet(HTML) 8 Page - Kingtronics International Company

  LKT Datasheet HTML 1Page - Kingtronics International Company LKT Datasheet HTML 2Page - Kingtronics International Company LKT Datasheet HTML 3Page - Kingtronics International Company LKT Datasheet HTML 4Page - Kingtronics International Company LKT Datasheet HTML 5Page - Kingtronics International Company LKT Datasheet HTML 6Page - Kingtronics International Company LKT Datasheet HTML 7Page - Kingtronics International Company LKT Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
8
LKT
Low Voltage Multilayer Chip Ceramic
Capacitor
4. Dimensions of Reel:
5. Taping Figure
6. Taping Method
①
Tapes for capacitors are wound clockwise. The sprocket holes are to the right as the tape is pulled toward the user.
②
The top tape and base tape are not attached at the end of the tape for a minimum of 5 pitches.
③
Part of the leader and part of the empty tape shall be attached to the end of the tape as follows.
④
Missing capacitors number within 0.1% of the number per reel or 1pc, whichever is greater, and are not continuous.
⑤
The top tape and bottom tape shall not protrude beyond the edges of the tape and shall not cover sprocket holes.
⑥
Cumulative tolerance of sprocket holes, 10 pitches: ±0.3mm.
⑦
Peeling off force: 0.1 to 0.6N in the direction shown down.
Note: Specifications are subject to change without notice.
φ
180mmReel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com