Electronic Components Datasheet Search
  English  ▼

X  

BZX85C13 Datasheet(PDF) 2 Page - Kingtronics International Company

Part # BZX85C13
Description  BZX85C Silicon Planar Power Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

BZX85C13 Datasheet(HTML) 2 Page - Kingtronics International Company

  BZX85C13 Datasheet HTML 1Page - Kingtronics International Company BZX85C13 Datasheet HTML 2Page - Kingtronics International Company BZX85C13 Datasheet HTML 3Page - Kingtronics International Company BZX85C13 Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
BZX85C
Characteristics at Ta = 25℃
Zener Voltage 1)
Dynamic Resistance
Reverse Current
VZnom
VZT
at IZT
ZZT
at IZT
ZZK
at IZK
IR
at VR
Type
(V)
(V)
(mA)
Max.(Ω)
(mA)
Max.(Ω)
(mA)
Max.(μA)
(V)
BZX85C2V7
2.7
2.5...2.9
80
20
80
400
1
150
1
BZX85C3V0
3
2.8...3.2
80
20
80
400
1
100
1
BZX85C3V3
3.3
3.1...3.5
70
20
70
400
1
40
1
BZX85C3V6
3.6
3.4...3.8
60
15
60
500
1
20
1
BZX85C3V9
3.9
3.7...4.1
60
15
60
500
1
10
1
BZX85C4V3
4.3
4...4.6
50
13
50
500
1
3
1
BZX85C4V7
4.7
4.4...5
45
13
45
600
1
3
1
BZX85C5V1
5.1
4.8...5.4
45
10
45
500
1
1
1.5
BZX85C5V6
5.6
5.2...6
45
7
45
400
1
1
2
BZX85C6V2
6.2
5.8...6.6
35
4
35
300
1
1
3
BZX85C6V8
6.8
6.4...7.2
35
3.5
35
300
1
1
4
BZX85C7V5
7.5
7...7.9
35
3
35
200
0.5
1
4.5
BZX85C8V2
8.2
7.7...8.7
25
5
25
200
0.5
1
6.2
BZX85C9V1
9.1
8.5...9.6
25
5
25
200
0.5
1
6.8
BZX85C10
10
9.4...10.6
25
7
25
200
0.5
0.5
7
BZX85C11
11
10.4...11.6
20
8
20
300
0.5
0.5
8.2
BZX85C12
12
11.4...12.7
20
9
20
350
0.5
0.5
9.1
BZX85C13
13
12.4...14.1
20
10
20
400
0.5
0.5
10
BZX85C15
15
13.8...15.6
15
15
15
500
0.5
0.5
11
BZX85C16
16
15.3...17.1
15
15
15
500
0.5
0.5
12
BZX85C18
18
16.8...19.1
15
20
15
500
0.5
0.5
13
BZX85C20
20
18.8...21.2
10
24
10
600
0.5
0.5
15
BZX85C22
22
20.8...23.3
10
25
10
600
0.5
0.5
16
BZX85C24
24
22.8...25.6
10
25
10
600
0.5
0.5
18
BZX85C27
27
25.1...28.9
8
30
8
750
0.25
0.5
20
BZX85C30
30
28...32
8
30
8
1000
0.25
0.5
22
BZX85C33
33
31...35
8
35
8
1000
0.25
0.5
24
BZX85C36
36
34...38
8
40
8
1000
0.25
0.5
27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com