Electronic Components Datasheet Search
  English  ▼

X  

BZX85C13 Datasheet(PDF) 4 Page - Kingtronics International Company

Part # BZX85C13
Description  BZX85C Silicon Planar Power Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

BZX85C13 Datasheet(HTML) 4 Page - Kingtronics International Company

  BZX85C13 Datasheet HTML 1Page - Kingtronics International Company BZX85C13 Datasheet HTML 2Page - Kingtronics International Company BZX85C13 Datasheet HTML 3Page - Kingtronics International Company BZX85C13 Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
4
BZX85C
Admissible power dissipation Versus ambient temperature
Valid provided that leads are kept at ambient
Temperature at a distance of 10 mm from case
Dynamic resistance versus Zener current
Dynamic resistance versus Zener current
Pulse thermal resistance versus pulse duration
Valid provided that leads are kept at ambient
Temperature at a distance of 10 mm from case
Thermal resistance versus lead length
Dynamic resistance versus Zener current
Note: Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com