Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 206 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 206 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 202Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 203Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 204Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 205Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 206Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 207Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 208Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 209Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 210Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 332 page
background image
Universal Serial Bus Module (USB)
Technical Data
MC68HC908JB16 — Rev. 1.1
206
Universal Serial Bus Module (USB)
Freescale Semiconductor
11.9.1.4 Transmit Endpoint 2
For an IN transaction directed at endpoint 2, the USB module will
generate an interrupt by setting the TXD2F in the UIR1 register.
11.9.1.5 Receive Endpoint 2
For an OUT transaction directed at endpoint 2, the USB module will
generate an interrupt by setting the RXD2F in the UIR1 register.
11.9.2 Resume Interrupt
The USB module will generate a CPU interrupt if low-speed bus activity
is detected after entering the suspend state. A transition of the USB data
lines to the non-idle state (K state) while in the suspend mode will set the
RESUMF flag in the UIR1 register. There is no interrupt enable bit for this
interrupt source and an interrupt will be executed if the I-bit in the CCR
is cleared. A resume interrupt can only occur while the MCU is in the
suspend mode.
11.9.3 End-of-Packet Interrupt
The USB module can generate a USB interrupt upon detection of an
end-of-packet signal for low-speed devices. Upon detection of an end-
of-packet signal, the USB module sets the EOPF bit and will generate a
CPU interrupt if the EOPIE bit in the UIR0 register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com