Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 58Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 59Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 60Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 61Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 62Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 63Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 64Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 65Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 332 page
background image
FLASH Memory
Technical Data
MC68HC908JB16 — Rev. 1.1
62
FLASH Memory
Freescale Semiconductor
4.5 FLASH Block Erase Operation
Use the following procedure to erase a block of FLASH memory. A block
consists of 512 consecutive bytes starting from addresses $X000,
$X200, $X400, $X600, $X800, $XA00, $XC00 or $XE00. The 48-byte
user interrupt vectors area also forms a block. Any block within the 16K
bytes user memory area ($BA00–$F9FF) can be erased alone.
NOTE:
The 48-byte user interrupt vectors, $FFD0–$FFFF, cannot be erased by
the block erase operation because of security reasons. Mass erase is
required to erase this block.
1. Set the ERASE bit and clear the MASS bit in the FLASH control
register.
2. Write any data to any FLASH address within the address range of
the block to be erased.
3. Wait for a time, tnvs (5µs).
4. Set the HVEN bit.
5. Wait for a time tErase (10ms).
6. Clear the ERASE bit.
7. Wait for a time, tnvh (5µs).
8. Clear the HVEN bit.
9. After time, trcv (1µs), the memory can be accessed in read mode
again.
NOTE:
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order as shown, but other unrelated operations
may occur between the steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com