Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 49Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 50Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 51Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 52Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 53Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 54Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 55Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 56Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 332 page
background image
Memory Map
MC68HC908JB16 — Rev. 1.1
Technical Data
Freescale Semiconductor
Memory Map
53
$005A
SCI Control Register 1
(SCC1)
Read:
LOOPS
ENSCI
TXINV
M
WAKE
ILTY
PEN
PTY
Write:
Reset:
00000000
$005B
SCI Control Register 2
(SCC2)
Read:
SCTIE
TCIE
SCRIE
ILIE
TE
RE
RWU
SBK
Write:
Reset:
00000000
$005C
SCI Control Register 3
(SCC3)
Read:
R8
T8
DMARE
DMATE
ORIE
NEIE
FEIE
PEIE
Write:
Reset:
UU
000000
$005D
SCI Status Register 1
(SCS1)
Read: SCTE
TC
SCRF
IDLE
OR
NF
FE
PE
Write:
Reset:
11000000
$005E
SCI Status Register 2
(SCS2)
Read:
000000
BKF
RPF
Write:
Reset:
00000000
$005F
SCI Data Register
(SCDR)
Read:
R7
R6
R5
R4
R3
R2
R1
R0
Write:
T7
T6
T5
T4
T3
T2
T1
T0
Reset:
UUUUUUUU
$0060
SCI Baud Rate Register
(SCBR)
Read:
0
0
SCP1
SCP0
R
SCR2
SCR1
SCR0
Write:
Reset:
0000
000
$0061
Reserved
Read:
RRRRRRRR
Write:
Reset:
$0062
Reserved
Read:
RRRRRRRR
Write:
Reset:
$0063
Reserved
Read:
RRRRRRRR
Write:
Reset:
Addr.
Register Name
Bit 7
654321
Bit 0
U = Unaffected
X = Indeterminate
= Unimplemented
R
= Reserved
Figure 2-2. Control, Status, and Data Registers (Sheet 10 of 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com