Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV321M7
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7 Datasheet(HTML) 3 Page - Texas Instruments

  LMV321M7 Datasheet HTML 1Page - Texas Instruments LMV321M7 Datasheet HTML 2Page - Texas Instruments LMV321M7 Datasheet HTML 3Page - Texas Instruments LMV321M7 Datasheet HTML 4Page - Texas Instruments LMV321M7 Datasheet HTML 5Page - Texas Instruments LMV321M7 Datasheet HTML 6Page - Texas Instruments LMV321M7 Datasheet HTML 7Page - Texas Instruments LMV321M7 Datasheet HTML 8Page - Texas Instruments LMV321M7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
2.7V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = 1.0V, VO = V
+/2 and R
L > 1 MΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
VOS
Input Offset Voltage
1.7
7
mV
TCVOS
Input Offset Voltage Average Drift
5
µV/°C
IB
Input Bias Current
11
250
nA
IOS
Input Offset Current
5
50
nA
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.7V
50
63
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
50
60
dB
VO = 1V
VCM
Input Common-Mode Voltage Range
For CMRR
≥ 50 dB
0
−0.2
V
1.9
1.7
V
VO
Output Swing
RL = 10 kΩ to 1.35V
V+
−100
V+
−10
mV
60
180
mV
IS
Supply Current
LMV321-N
80
170
µA
LMV358-N
140
340
µA
Both amplifiers
LMV324-N
260
680
µA
All four amplifiers
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T J = 25°C, V
+ = 2.7V, V− = 0V, V
CM = 1.0V, VO = V
+/2 and R
L > 1 MΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
GBWP
Gain-Bandwidth Product
CL = 200 pF
1
MHz
Φm
Phase Margin
60
Deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage Noise
f = 1 kHz
46
in
Input-Referred Current Noise
f = 1 kHz
0.17
(1)
All limits are guaranteed by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com