Electronic Components Datasheet Search
  English  ▼

X  

LMV321M7 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV321M7
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV321M7 Datasheet HTML 2Page - Texas Instruments LMV321M7 Datasheet HTML 3Page - Texas Instruments LMV321M7 Datasheet HTML 4Page - Texas Instruments LMV321M7 Datasheet HTML 5Page - Texas Instruments LMV321M7 Datasheet HTML 6Page - Texas Instruments LMV321M7 Datasheet HTML 7Page - Texas Instruments LMV321M7 Datasheet HTML 8Page - Texas Instruments LMV321M7 Datasheet HTML 9Page - Texas Instruments LMV321M7 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Supply Current
Input Current
vs.
vs.
Supply Voltage (LMV321-N)
Temperature
Figure 4.
Figure 5.
Sourcing Current
Sourcing Current
vs.
vs.
Output Voltage
Output Voltage
Figure 6.
Figure 7.
Sinking Current
Sinking Current
vs.
vs.
Output Voltage
Output Voltage
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com