Electronic Components Datasheet Search
  English  ▼

X  

TNY263PN Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TNY263PN
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY263PN Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TNY263PN Datasheet HTML 5Page - Power Integrations, Inc. TNY263PN Datasheet HTML 6Page - Power Integrations, Inc. TNY263PN Datasheet HTML 7Page - Power Integrations, Inc. TNY263PN Datasheet HTML 8Page - Power Integrations, Inc. TNY263PN Datasheet HTML 9Page - Power Integrations, Inc. TNY263PN Datasheet HTML 10Page - Power Integrations, Inc. TNY263PN Datasheet HTML 11Page - Power Integrations, Inc. TNY263PN Datasheet HTML 12Page - Power Integrations, Inc. TNY263PN Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Rev. H 02/09
9
TNY263-268
www.powerint.com
C1
0.01
μF
1 kV
140 - 375
VDC
Input
L1
10
μH
2 A
R5
680
Ω
R6
59
Ω
1%
D3
1N5822
U1
TNY266P
C5
2.2 nF
1 kV
D1
1N4005GP
U2
TLP181Y
VR1
BZX79B3V9
5
4
2
1
10
8
TinySwitch-II
D
S
BP
+5 V, 2 A
RTN
C2
82
μF
35 V
C8
470
μF
10 V
PI-2713-021809
C4
1 nF Y1
D2
1N4148
EN
+12 VDC
20 mA
0 V
C3
0.1
μF
50 V
R4
10 k
Ω
C6
1000
μF
10 V
R2
1 M
Ω
R3
1 M
Ω
R1
200 k
Ω
T1
PERFORMANCE SUMMARY
Continuous Output Power:
10.24 W
Efficiency:
≥ 75%
Figure 16. 15 W Standby Supply.
C1
0.01
μF
1 kV
140 - 375
VDC
Input
L1
10
μH
3 A
R5
680
Ω
D3
SB540
U1
TNY267P
C5
2.2 nF
1 kV
D1
1N4005GP
U2
TLP181Y
PERFORMANCE SUMMARY
Continuous Output Power:
15.24 W
Efficiency:
≥ 78%
5
4
2
1
10
8
TinySwitch-II
D
S
BP
+5 V, 3 A
RTN
C2
82
μF
35 V
C8
470
μF
10 V
PI-2712-021809
C4
1 nF Y1
D2
1N4148
EN
+12 VDC
20 mA
0 V
C3
0.1
μF
50 V
R4
10 k
Ω
C7
1000
μF
10 V
C6
1000
μF
10 V
R2
1 M
Ω
R3
1 M
Ω
R1
100 k
Ω
T1
R6
59
Ω
1%
VR1
BZX79B3V9
Figure 15. 10 W Standby Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com