Electronic Components Datasheet Search
  English  ▼

X  

TNY263PN Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # TNY263PN
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY263PN Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button TNY263PN Datasheet HTML 14Page - Power Integrations, Inc. TNY263PN Datasheet HTML 15Page - Power Integrations, Inc. TNY263PN Datasheet HTML 16Page - Power Integrations, Inc. TNY263PN Datasheet HTML 17Page - Power Integrations, Inc. TNY263PN Datasheet HTML 18Page - Power Integrations, Inc. TNY263PN Datasheet HTML 19Page - Power Integrations, Inc. TNY263PN Datasheet HTML 20Page - Power Integrations, Inc. TNY263PN Datasheet HTML 21Page - Power Integrations, Inc. TNY263PN Datasheet HTML 22Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Rev. H 02/09
21
TNY263-268
www.powerint.com
Revision
Notes
Date
A–
03/01
B
Corrected first page spacing and sentence in description describing innovative design.
Corrected Frequency Jitter in Figure 4 and Frequency Jitter in Parameter Table.
Added last sentence to Over Temperature Protection section.
Clarified detecting when there is no external resistor connected to the EN/UV pin.
Corrected Figure 6 and its description in the text.
Corrected formatting, grammar and style errors in text and figures.
Corrected and moved Worst Case EMI & Efficiency Measurement section.
Added PC Board Cleaning section.
Replaced Figure 21 and SMD-8B Package Drawing.
07/01
C
Corrected q
JA for P/G package.
Updated Figures 15 and 16 and text description for Zener performance.
Corrected DIP-8B and SMD-8B Package Drawings.
04/03
D
Corrected EN/UV under-voltage threshold in text.
Corrected 2 MW connected between positive DC input to EN/UV pin in text and Figures 15 and 16.
03/04
E
Added TNY263 and TNY265.
04/04
F
Added lead-free ordering information.
12/04
G
1) Typographical correction in OFF-STATE Drain Leakage Current parameter condition.
2) Removed I
DS condition from BVDSS parameter and added new Note H.
3) Added Note 4 to Absolute Maximum Ratings specifications.
04/05
H
Reformatted document, updated Figures 23 and 24 and Part Ordering Information.
02/09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com