Electronic Components Datasheet Search
  English  ▼

X  

STF4N62K3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF4N62K3
Description  N-channel 620 V, 1.7 Ω typ., 3.8 A SuperMESH3 Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF4N62K3 Datasheet(HTML) 1 Page - STMicroelectronics

  STF4N62K3 Datasheet HTML 1Page - STMicroelectronics STF4N62K3 Datasheet HTML 2Page - STMicroelectronics STF4N62K3 Datasheet HTML 3Page - STMicroelectronics STF4N62K3 Datasheet HTML 4Page - STMicroelectronics STF4N62K3 Datasheet HTML 5Page - STMicroelectronics STF4N62K3 Datasheet HTML 6Page - STMicroelectronics STF4N62K3 Datasheet HTML 7Page - STMicroelectronics STF4N62K3 Datasheet HTML 8Page - STMicroelectronics STF4N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
August 2012
Doc ID 17548 Rev 4
1/19
19
STF4N62K3, STFI4N62K3, STI4N62K3,
STP4N62K3, STU4N62K3
N-channel 620 V, 1.7
Ω typ., 3.8 A SuperMESH3™ Power MOSFET
in TO-220FP, I²PAKFP, I²PAK, TO-220 and IPAK packages
Datasheet — production data
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitance
■ Improved diode reverse recovery
characteristics
■ Zener-protected
Applications
■ Switching applications
Description
These SuperMESH3™ Power MOSFETs are the
result of improvements applied to
STMicroelectronics’ SuperMESH™ technology,
combined with a new optimized vertical structure.
These devices boast an extremely low on-
resistance, superior dynamic performance and
high avalanche capability, rendering them suitable
for the most demanding applications.
Figure 1.
Internal schematic diagram
Order codes
VDSS RDS(on) max
ID
PTOT
STF4N62K3
STFI4N62K3
STI4N62K3
STP4N62K3
STU4N62K3
620 V
< 2
Ω
3.8 A
25 W
25 W
70 W
70 W
70 W
1
2
3
TO-220FP
3
2
1
TAB
IPAK
I²PAKFP
1
2
3
I²PAK
1
2
3
TAB
1
2
3
TAB
TO-220
D(2,TAB)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF4N62K3
STFI4N62K3
STI4N62K3
STP4N62K3
STU4N62K3
4N62K3
TO-220FP
I²PAKFP
I²PAK
TO-220
IPAK
Tube
www.st.com


Similar Part No. - STF4N62K3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF4N62K3 ISC-STF4N62K3 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF4N62K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
19-May-2006
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
13-Sep-2012
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
logo
STMicroelectronics
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 0.95 Ω typ., 5.5 A SuperMESH3™ Power MOSFET in TO-220FP, I²PAKFP, I²PAK, TO-220, IPAK packages
03-Aug-2012
STB4N62K3 STMICROELECTRONICS-STB4N62K3 Datasheet
1Mb / 18P
N-channel 620 V, 1.7 Ω, 3.8 A SuperMESH3 Power MOSFET
26-Apr-2012
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
20-Oct-2010
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
20-Mar-2012
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3™ Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STDLED624 STMICROELECTRONICS-STDLED624 Datasheet
1Mb / 22P
N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
21-Mar-2013
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com