Electronic Components Datasheet Search
  English  ▼

X  

AD654JR Datasheet(PDF) 4 Page - Analog Devices

Part # AD654JR
Description  Low Cost Monolithic Voltage-to-Frequency Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD654JR Datasheet(HTML) 4 Page - Analog Devices

  AD654JR Datasheet HTML 1Page - Analog Devices AD654JR Datasheet HTML 2Page - Analog Devices AD654JR Datasheet HTML 3Page - Analog Devices AD654JR Datasheet HTML 4Page - Analog Devices AD654JR Datasheet HTML 5Page - Analog Devices AD654JR Datasheet HTML 6Page - Analog Devices AD654JR Datasheet HTML 7Page - Analog Devices AD654JR Datasheet HTML 8Page - Analog Devices AD654JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD654
–4–
REV.
CIRCUIT OPERATION
The AD654’s block diagram appears in Figure 1. A versatile
operational amplifier serves as the input stage; its purpose is to
convert and scale the input voltage signal to a drive current in the
NPN follower. Optimum performance is achieved when, at the
full-scale input voltage, a 1 mA drive current is delivered to the
current-to-frequency converter (an astable multivibrator). The
drive current provides both the bias levels and the charging current
to the externally connected timing capacitor. This “adaptive” bias
scheme allows the oscillator to provide low nonlinearity over
the entire current input range of 100 nA to 2 mA. The square
wave oscillator output goes to the output driver which provides
a floating base drive to the NPN power transistor. This floating
drive allows the logic interface to be referenced to a level other
than –VS.
OSC/
DRIVER
AD654
OPTIONAL
RCOMP
CR1
–VS
(0V TO –15V)
R1
R2
VIN
+VS
(+5V TO –VS +30)
CT
+VLOGIC
RPU
FOUT
FOUT =
VIN
(10V) (R1 + R2) CT
Figure 1. Standard V-F Connection for Positive Input
Voltages
V/F CONNECTION FOR POSITIVE INPUT VOLTAGES
In the connection scheme of Figure 1, the input amplifier presents
a very high (250 M
Ω) impedance to the input voltage, which
is converted into the proper drive current by the scaling resistors
at Pin 3. Resistors R1 and R2 are selected to provide a 1 mA
full-scale current with enough trim range to accommodate the
AD654’s 10% FS error and the components’ tolerances. Full-
scale currents other than 1 mA can be chosen, but linearity will
be reduced; 2 mA is the maximum allowable drive. The AD654’s
positive input voltage range spans from –VS (ground in sink supply
operation) to four volts below the positive supply. Power sup-
ply rejection degrades as the input exceeds (+VS – 3.75 V) and at
(+VS – 3.5 V) the output frequency goes to zero.
As indicated by the scaling relationship in Figure 1, a 0.01
µF
timing capacitor will give a 10 kHz full-scale frequency, and
0.001
µF will give 100 kHz with a 1 mA drive current. Good V/F
linearity requires the use of a capacitor with low dielectric
absorption (DA), while the most stable operation over tempera-
ture calls for a component having a small tempco. Polystyrene,
polypropylene, or Teflon* capacitors are preferred for tempco and
dielectric absorption; other types will degrade linearity. The
capacitor should be wired very close to the AD654. In Figure 1,
Schottky diode CR1 (MBD101) prevents logic common from
dropping more than 500 mV below –VS. This diode is not
required if –VS is equal to logic common.
V/F CONNECTIONS FOR NEGATIVE INPUT VOLTAGE
OR CURRENT
The AD654 can accommodate a wide range of negative input
voltages with proper selection of the scaling resistor, as indicated
in Figure 2. This connection, unlike the buffered positive con-
nection, is not high impedance because the signal source must
supply the 1 mA FS drive current. However, large negative volt-
ages beyond the supply can be handled easily by modifying the
scaling resistors appropriately. If the input is a true current source,
R1 and R2 are not used. Again, diode CR1 prevents latch-up by
insuring Logic Common does not drop more than 500 mV below
–VS. The clamp diode (MBD101) protects the AD654 input
from “below –VS” inputs.
OSC/
DRIVER
AD654
OPTIONAL
RCOMP
CR1
–VS
(0V TO –15V)
R1
R2
+VS
(+5V TO –VS +30)
CT
+VLOGIC
RPU
FOUT
FOUT =
VIN
(10V) (R1 + R2) CT
VIN
CLAMP
DIODE
Figure 2. V-F Connections for Negative Input Voltages or
Current
OFFSET CALIBRATION
In theory, two adjustments calibrate a V/F: scale and offset. In
practice, most applications find the AD654’s 1 mV max voltage
offset sufficiently low to forgo offset calibration. However, the
input amplifier’s 30 nA (typ) bias currents will generate an offset
due to the difference in dc sound resistance between the input
terminals. This offset can be substantial for large values of RT =
R1 + R2 and will vary as the bias currents drift over temperature.
Therefore, to maintain the AD654’s low offset, the application may
require balancing the dc source resistances at the inputs (Pins
3 and 4).
For positive inputs, this is accomplished by adding a compensation
resistor nominally equal to RT in series with the input as shown
in Figure 3a. This limits the offset to the product of the 30 nA
bias current and the mismatch between the source resistance RT
and RCOMP. A second, smaller offset arises from the inputs’ 5 nA
offset current flowing through the source resistance RT or RCOMP.
For negative input voltage and current connections, the compensa-
tion resistor is added at Pin 4 as shown in Figure 3b in lieu of
grounding the pin directly. For both positive and negative inputs,
the use of RCOMP may lead to noise coupling at Pin 4 and should
therefore be bypassed for lowest noise operation.
R1
R2
VIN
RCOMP
AD654
(OPTIONAL)
C
Figure 3a. Bias Current Compensation—Positive Inputs
*Teflon is a trademark of E.I. Du Pont de Nemours & Co.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com