Electronic Components Datasheet Search
  English  ▼

X  

AD654JR Datasheet(PDF) 9 Page - Analog Devices

Part # AD654JR
Description  Low Cost Monolithic Voltage-to-Frequency Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD654JR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD654JR Datasheet HTML 4Page - Analog Devices AD654JR Datasheet HTML 5Page - Analog Devices AD654JR Datasheet HTML 6Page - Analog Devices AD654JR Datasheet HTML 7Page - Analog Devices AD654JR Datasheet HTML 8Page - Analog Devices AD654JR Datasheet HTML 9Page - Analog Devices AD654JR Datasheet HTML 10Page - Analog Devices AD654JR Datasheet HTML 11Page - Analog Devices AD654JR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD654
REV.
–9–
8
7
6
5
1
2
3
4
AD654
1k
VIN
(0V TO 1V)
1000pF
5V
10k
825
1%
500
A
D
+
–
6MHz
20pF
20pF
1 F
XTAL1
XTAL2
RESET
EA
SS
INT
T0
T1
P10
P17
P20
P27
DB0
DB7
PORT 1
PORT 2
BUS
PORT
VCC VDD
VSS
5V
GND
ALE
PSEN PROG WR RD
8048
NC
NC
NC
NC = NO CONNECT
Figure 11. AD654 VFC as an ADC
FREQUENCY DOUBLING
Since the AD654’s output is a square-wave rather than a pulse
train, information about the input signal is carried on both
halves of the output waveform. The circuit in Figure 12 converts
the output into a pulse train, effectively doubling the output
frequency, while preserving the better low frequency linearity of
the AD654. This circuit also accommodates an input voltage
that is greater than the AD654 supply voltage.
Resistors R1–R3 are used to scale the 0 V to +10 V input voltage
down to 0 V to +1 V as seen at Pin 4 of the AD654. Recall that
VIN must be less than VSUPPLY –4 V, or in this case less than 1 V.
The timing resistor and capacitor are selected such that this 0 V
to +1 V signal seen at Pin 4 results in a 0 kHz to 200 kHz output
frequency.
The use of R4, C1 and the XOR gate doubles this 200 kHz
output frequency to 400 kHz. The AD654 output transistor is
basically used as a switch, switching capacitor C1 between a
charging mode and a discharging mode of operation. The voltages
seen at the input of the 74LS86 are shown in the waveform dia-
gram. Due to the difference in the charge and discharge time
constants, the output pulse widths of the 74LS86 are not equal.
The output pulse is wider when the capacitor is charging due to
its longer rise time than fall time. The pulses should therefore be
counted on their rising, rather than falling, edges.
AD654
RT
1k
CT
500pF
RPU
2.87k
R3
1k
R2
2k
R1
8.06k
C1
1000pF
R4
1k
5V
A
B
C
74LS86
VIN
(0V TO 10V)
V/F OUTPUT
FS = 400MHz
OFF
ON
V
0
V
0
5
0
TRANSISTOR
A
B
C
WAVEFORM DIAGRAM
OSC/
DRIVER
Figure 12. Frequency Doubler
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com