Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4351
Description  Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4351 Datasheet HTML 7Page - Analog Devices ADF4351 Datasheet HTML 8Page - Analog Devices ADF4351 Datasheet HTML 9Page - Analog Devices ADF4351 Datasheet HTML 10Page - Analog Devices ADF4351 Datasheet HTML 11Page - Analog Devices ADF4351 Datasheet HTML 12Page - Analog Devices ADF4351 Datasheet HTML 13Page - Analog Devices ADF4351 Datasheet HTML 14Page - Analog Devices ADF4351 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Evaluation Board User Guide
UG-435
Rev. 0 | Page 11 of 20
EVALUATION AND TEST
To evaluate and test the performance of the ADF4351, use the
following procedure:
1. Install ADF435x software.
2. Connect the evaluation board to a PC using the supplied
USB cable. Follow the hardware driver installation
procedure that appears.
3. Connect spectrum analyzer to Connector RFOUTA+.
4. Connect 50 Ω termination to RFOUTA−.
5. Run the ADF435x software.
6. Select the USB board and the ADF4351 device in the
Select Device and Connection tab of the software front
panel window.
7. In the software window, click Write All Registers. See
Figure 19 for the suggested setup.
8. Measure the output spectrum. Figure 20 shows a
phase noise plot at 2.5 GHz output.
9. Different combinations of reference and PFD frequency
may require changes to the REFIN stage or PFD frequency.
Low output frequencies may require different output stage
elements.
Figure 20. Spectrum Analyzer Display
Figure 21. Typical Evaluation Setup
SPECTRUM
ANALYZER
PC
EXTERNAL DC
SUPPLY
EXTERNAL DC
GND
TCXO
ADF4351
LOOP
FILTER
LOCK DETECT LED
USB
POWER
LED
PLL
POWER
LED
USB
POWER
SWITCH
EXTERNAL
POWER
SWITCH
USB CRYSTAL
AND PROCESSOR
50Ω
TERMINATION
REFERENCE IN/
REFERENCE OUT
REFERENCE (OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com