Electronic Components Datasheet Search
  English  ▼

X  

ADF4351 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF4351
Description  Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4351 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF4351 Datasheet HTML 12Page - Analog Devices ADF4351 Datasheet HTML 13Page - Analog Devices ADF4351 Datasheet HTML 14Page - Analog Devices ADF4351 Datasheet HTML 15Page - Analog Devices ADF4351 Datasheet HTML 16Page - Analog Devices ADF4351 Datasheet HTML 17Page - Analog Devices ADF4351 Datasheet HTML 18Page - Analog Devices ADF4351 Datasheet HTML 19Page - Analog Devices ADF4351 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Evaluation Board User Guide
UG-435
Rev. 0 | Page 17 of 20
ORDERING INFORMATION
BILL OF MATERIALS
Table 1.
Qty
Reference Designator
Description
1
C1
Ceramic capacitor, 2.7 nF, 0603, 100 V, X7R
1
C2
Ceramic capacitor, 47 nF, 0603, 25 V, X7R
1
C3
Ceramic capacitor, 680 pF, 0603, 50 V, X7R, SMD
4
C4, C27, C32, C34
Capacitor, 1 µF, 0603, 10 V, X5R
21
C5, C8, C10, C13, C17, C18, C21, C22,
C25, C28, C29, C30, C53, C54, C55, C57,
C58, C59, C60, C61, C69
Ceramic capacitor, 0.1 µF, 0402, 16 V, X7R
10
C6, C7, C14, C15, C16, C19, C20, C23,
C52, C56
Ceramic capacitor, 10 pF, 0402, 50 V, NP0
1
C9
Ceramic capacitor+, 1 µF, 0805, RTAJ_A, 16 V, X7R
3
C11, C12, C49
Ceramic capacitor, 1 nF, 0603, 50 V, NP0
2
C24, C36
Ceramic capacitor, 120 pF, 0402, 50 V, NP0
2
C26, C35
Ceramic capacitor, 1 nF, 0402, 50 V, NP0
2
C31, C62
Ceramic capacitor, 12 pF, 0603, 50 V, NPO, SMD
1
C33
Capacitor+, 22 µF, 16 V, RTAJ_B, tantalum TAJ-B 22UF, 10%
2
C47, C50
Ceramic capacitor, 1 µF, 0603, 25 V, X5R
2
D1, D6
0805 green LED
2
D2, D4
Zener diode, 6.8 V, SOT23, 350 MW
1
D5
0805 red LED
2
L1, L4
Inductor, 0 Ω 0402 SMD resistor
2
L2, L3
Inductor, 7.5 nH L0402 0402 chip inductor
1
L10
0603 ferrite bead
1
R1
Resistor, 360 Ω, 0603, SMD
2
R2, R38
Resistor, 1 kΩ, 0603, SMD
11
R3, R4, R10, R13, R20, R22, R51, R52,
R56, R58, R59
Resistor, 0 Ω, 0603, SMD
13
R5, R6, R8, R9, R11, R14, R18, R21,
R46, R53, R54, R55, R57
Resistor location, DNI, 0603—not inserted
3
R7, R44, R45
Resistor 100 Ω 0603 SMD
1
R12
Resistor 4.7 kΩ, 0603, SMD
4
R15, R16, R17, R19
Resistor, 10 kΩ, 0603, SMD
2
R23, R27
Resistor, 0 Ω, 0402, SMD
3
R24 to R26
Resistor, DNI, 0603, SMD
3
R39, R49, R50
Resistor, 2.2 kΩ, 0603, SMD
1
R40
Resistor, 140 kΩ, 0603, SMD
1
R41
Resistor, 78.7 kΩ, 0603, SMD
13
3V3_USB, 5V_USB, AVDD, CE, CLK, DATA,
LD, LE, MUXOUT, PDRF, T1, T2, VOUT
Red test point
3
REFIN, RFOUTA+, RFOUTA−
SMA_CARD_EDGE_RF, end-launch 50 Ω SMA jack
2
S1, S2
SW_POWER SW_SIP-3P PCB mount SPDT switch
1
U1
ADF4351 LFCSP-32 PLL
2
U2, U3
ADP150-TSOT TSOT-5 linear regulator
1
U5
ADP3334 MSO8 adjustable LDO regulator
1
U6
CY7C68013-CSP, LFCSP-56_RP, USB microcontroller
1
U7
24LC64, SO8NB, 64K I2C serial EEPROM
1
USB
USB mini-B connector (usb-otg)
1
GND
Black 4 mm banana socket
1
VSUPPLY
Red 4 mm banana socket
1
Y1
OSC_TCXO_IT3200C 26MHz TCXO-IT3200C TCXO
1
Y1 (ALT)
OSC_TCXO-RAKON-TXO200B, 25 MHz, SMD temperature compensated crystal oscillator
1
Y2
XTAL1-CSM-8A, 24.0 MHz, XTAL-CSM-8A, SMD crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com