Electronic Components Datasheet Search
  English  ▼

X  

HCPL-4100 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4100 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Notes:
1. Derate linearly above 55°C free air temperature at a rate of 3.8 mW/ °C. Proper application of the derating factors will prevent IC junction
temperatures from exceeding 125°C for ambient temperatures up to 85°C.
2. Derate linearly above a free-air temperature of 70°C at a rate of 2.3 mW/ °C. A significant amount of power may be dissipated in the HCPL-4100
output circuit during the transition from the SPACE state to the MARK state when driving a data line or capacitive load (C
OUT
). The average power
dissipation during the transition can be estimated from the following equation which assumes a linear discharge of a capacitive load: P = I
SC
(V
SO
+ V
MO
)/2, where V
SO
is the output voltage in the SPACE state. The duration of this transition can be estimated as t = C
OUT
(V
SO
- V
MO
)/I
SC
. For typical
applications driving twisted pair data lines with NRZ data as shown in Figure 12, the transition time will be less than 10% of one bit time.
3. Derate linearly above 55°C free-air temperature at a rate of 5.1 mW/ °C.
4. The maximum current that will flow into the output in the mark state (I
SC
) is internally limited to protect the device. The duration of the output
short circuit shall not exceed 10 ms.
5. The device is considered a two terminal device, pins 1, 2, 3, and 4 are connected together, and pins 5, 6, 7, and 8 are connected together.
6. The t
PLH
propagation delay is measured from the 1.3 volt level on the leading edge of the input pulse to the 10 mA level on the leading edge of
the output pulse.
7. The t
PHL
propagation delay is measured from the 1.3 volt level on the trailing edge of the input pulse to the 10 mA level on the trailing edge of
the output pulse.
8. The rise time, t
r
, is measured from the 10% to the 90% level on the rising edge of the output current pulse.
9. The fall time, t
f
, is measured from the 90% to the 10% level on the falling edge of the output current pulse.
10. Common mode transient immunity in the logic high level is the maximum (positive) dV
CM
/dt on the leading edge of the common mode pulse,
V
CM
, that can be sustained with the output in a Mark (“H”) state (i.e., I
O
> 12 mA).
11. Common mode transient immunity in the logic low level is the maximum (positive) dV
CM
/dt on the leading edge of the common mode pulse,
V
CM
, that can be sustained with the output in a Space (“L”) state (i.e., I
O
< 3 mA).
12. Use of a 0.1 μF bypass capacitor connected between pins 5 and 8 is recommended.
13. In accordance with UL 1577, each optocoupler is momentary withstand proof tested by applying an insulation test voltage ≥ 4500 V rms for 1
second (leakage detection current limit, I
i-o
≤ 5 μA).
Figure 3. Typical Mark State Output Voltage vs.
Temperature.
Figure 4. Typical Output Voltage vs. Loop Cur-
rent.
Figure 5. Typical Space State Output Current vs.
Temperature.
-40
1.6
1.2
TA – TEMPERATURE – °C
060
1.8
1.4
-20
20
40
2.0
2.2
2.4
2.6
2.8
3.0
80
100
IO
20 mA
12 mA
2 mA
VCC = 5 V
VI = 2 V
0
1.0
0
IO – OUTPUT CURRENT – mA
10
20
1.5
0.5
515
2.0
2.5
3.0
3.5
25
30
VCC = 5 V
VI = 2 V
TA = 25 °C
-40
0.8
0.6
TA – TEMPERATURE – °C
060
0.9
0.7
-20
20
40
1.0
1.1
1.2
1.3
80
100
VO
27 V
20 V
VCC = 5 V
VI = 0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com