Electronic Components Datasheet Search
  English  ▼

X  

HCPL-4100 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4100 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4100 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Switching Specifications
For 0°C ≤ T
A
≤ 70°C, 4.5 V ≤ V
CC
≤ 20 V, all typicals at T
A
= 25°C and V
CC
= 5 V unless otherwise noted. See note 12.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
t
PLH
0.3
1.6
μs
C
O
= 1000 pF,
5, 6,
6
to Logic High Output Level
C
L
= 15 pF,
7
I
O
= 20 mA
Propagation Delay Time
t
PHL
0.2
1.0
μs
C
O
= 1000 pF,
5, 6,
7
to Logic Low Output Level
C
L
= 15 pF,
7
I
O
= 20 mA
Propagation Delay Time
t
PLH
- t
PHL
0.1
μs
I
O
= 20 mA
Skew
Output Rise Time
t
r
16
ns
I
O
= 20 mA,
6, 8
8
(10-90%)
C
O
= 1000 pF,
C
L
= 15 pF
Output Fall Time
t
f
23
ns
I
O
= 20 mA,
6, 8
9
(90-10%)
C
O
= 1000 pF,
C
L
= 15 pF
Common Mode Transient
|CM
H
|
1,000
10,000
V/μs
V
I
= 2 V,
9, 10
10
Immunity at Logic High
T
A
= 25°C
Output Level
V
CM
= 50 V (peak),
V
CC
= 5 V
I
O
(min.) = 12 mA
Common Mode Transient
|CM
L
|
1,000
10,000
V/μs
V
I
= 0.8 V,
9, 10
11
Immunity at Logic Low
T
A
= 25°C
Output Level
V
CM
= 50 V (peak),
V
CC
= 5 V
I
O
(max.) = 3 mA
Package Characteristics
For 0°C ≤ T
A
≤ 70°C, unless otherwise specified. All typicals at T
A
= 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Notes
Input-Output Momentary
V
ISO
3750
V rms
RH ≤ 50%, t = 1 min,
Withstand Voltage*
T
A
= 25°C
5, 13
Resistance, Input-Output
R
I-O
1012
ohms
V
I-O
= 500 V dc
5
Capacitance, Input-Output
C
I-O
1
pF
f = 1 MHz,
V
I-O
= 0 V dc
5
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous volt-
age rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equipment
level safety specification, or Avago Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com