Electronic Components Datasheet Search
  English  ▼

X  

HSMP-389F Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-389F
Description  Surface Mount RF PIN Switch Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-389F Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-389F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Electrical Specifications, T
C = 25°C, each diode
Package
Minimum
Maximum
Maximum
Part Number
Marking
Lead
Breakdown
Series Resistance
Total Capacitance
HSMP-
Code
Code
Configuration
Voltage V
BR (V)
R
S (ý)
C
T (pF)
3890
G0[1]
0
Single
100
2.5
0.30
3892
G2[1]
2
Series
3893
G3[1]
3
CommonAnode
3894
G4[1]
4
CommonCathode
3895
G5[1]
5
UnconnectedPair
389B
G0[2]
B
Single
389C
G2[2]
C
Series
389E
G3[2]
E
CommonAnode
389F
G4[2]
F
CommonCathode
389L
GL[2]
L
UnconnectedTrio
389R
S[2]
R
DualSwitchMode
389T
Z[2]
T
LowInductanceSingle
389U
GU[2]
U
Series-ShuntPair
389V
GV[2]
V
HighFrequencySeriesPair
TestConditions
V
R=VBR
I
F=5mA
V
R=5V
Measure
f=100MHz
f=1MHz
I
R10µA
Notes:
1. Packagemarkingcodeiswhite.
2. Packageislasermarked.
High Frequency (Low Inductance, 500 MHz – 3 GHz) PIN Diodes
Minimum
Maximum
Typical
Maximum
Typical
Part
Package
Breakdown
Series
Total
Total
Total
Number
Marking
Voltage
Resistance
Capacitance
Capacitance
Inductance
HSMP-
Code[1]
Configuration
V
BR (V)
R
S (ý)
C
T (pF)
C
T (pF)
L
T (nH)
489x
GA
DualAnode
100
2.5
0.33
0.375
1.0
TestConditions
V
R=VBR
I
F=5mA
f=1MHz
V
R=5V
f=500MHz–
Measure
V
R=5 V
f=1MHz
3GHz
I
R10µA
Note:
1. SOT-23packagemarkingcodeiswhite;SOT-323islasermarked.
Typical Parameters at
T
C = 25°C
Part Number
Series Resistance
Carrier Lifetime
Total Capacitance
HSMP-
R
S (ý)
τ (ns)
C
T (pF)
389x
3.8
200
0.20@5V
TestConditions
I
F=1mA
I
F=10mA
f=100MHz
I
R=6mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com