Electronic Components Datasheet Search
  English  ▼

X  

HSMP-389F Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-389F
Description  Surface Mount RF PIN Switch Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-389F Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-389F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-389F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Typical Applications for Multiple Diode Products(continued)
Figure 11. HSMP-389V Series/Shunt Pair used in a 1.8 GHz
Transmit/Receive Switch.
Figure 10. HSMP-389U Series/Shunt Pair used in a 900 MHz
Transmit/Receive Switch.
Figure 8. HSMP-389L Unconnected Trio used in a Positive Voltage,
High Isolation Switch.
Figure 9. HSMP-389T used in a Low Inductance Shunt
Mounted Switch.
RF in
RF out
1
+V
0
2
0
+V
“ON”
“OFF”
4
5
6
1
1
1
2
2
3
RF in
RF out
4
5
6
1
2
3
λ
4
Rcvr
Xmtr
Bias
Ant
PA
bias
HSMP-389U
LNA
λ
4
Rcvr
Bias
Xmtr
HSMP-389V
Antenna
λ
4
λ
4
Rcvr
Xmtr
Bias
Ant
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com