Electronic Components Datasheet Search
  English  ▼

X  

BA4558F Datasheet(PDF) 44 Page - Rohm

Part # BA4558F
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558F Datasheet(HTML) 44 Page - Rohm

Back Button BA4558F Datasheet HTML 40Page - Rohm BA4558F Datasheet HTML 41Page - Rohm BA4558F Datasheet HTML 42Page - Rohm BA4558F Datasheet HTML 43Page - Rohm BA4558F Datasheet HTML 44Page - Rohm BA4558F Datasheet HTML 45Page - Rohm BA4558F Datasheet HTML 46Page - Rohm BA4558F Datasheet HTML 47Page - Rohm BA4558F Datasheet HTML 48Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Technical Note
44/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Notes for use
1) Processing of unused circuit
It is recommended to apply connection (see the Fig.321) and set the non inverting
input terminal at the potential within input common-mode voltage range (Vicm), for
any unused circuit.
2) Input voltage
Applying VEE~VEE+36[V] (BA4580R, BA4584, BA4584R family), VEE+14[V]
(BA2115 family) (VEE - 0.3) ~ (VEE + 36)[V]
( BA4558R, BA4560R, 4564R, BA8522R)to the input terminal is possible without
causing deterioration of the electrical characteristics or destruction, irrespective of
the supply voltage. However, this does not ensure normal circuit operation.
Please note that the circuit operates normally only when the input voltage is within
the common mode input voltage range of the electric characteristics.
3) Maximum output voltage
Because the output voltage range becomes narrow as the output current
Increases, design the application with margin by considering changes in electrical
characteristics and temperature characteristics.
4) Short-circuit of output terminal
When output terminal and VCC or VEE terminal are shorted, excessive Output
current may flow under some conditions, and heating may destroy IC. It is
necessary to connect a resistor as shown in Fig.322, thereby protecting against
load shorting.
5) Power supply (split supply / single supply) in used
Op-amp operates when specified voltage is applied between VCC and VEE.
Therefore, the single supply Op-Amp can be used for double supply Op-Amp as well.
6) Power dissipation (Pd)
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions.
7) Short-circuit between pins and wrong mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other
components on the circuits, can damage the IC.
8) Use in strong electromagnetic field
Using the ICs in strong electromagnetic field can cause operation malfunction.
9) Radiation
This IC is not designed to be radiation-resistant.
10) Handing of IC
When stress is applied to IC because of deflection or bend of board, the characteristics may fluctuate due to piezoelectric
(piezo) effect.
11) Inspection on set board
During testing, turn on or off the power before mounting or dismounting the board from the test Jig. Do not power up the
board without waiting for the output capacitors to discharge. The capacitors in the low output impedance terminal can stress
the device. Pay attention to the electro static voltages during IC handling, transportation, and storage.
12) Output capacitor
When VCC terminal is shorted to VEE (GND) potential and an electric charge has accumulated on the external capacitor,
connected to output terminal, accumulated charge may be discharged VCC terminal via the parasitic element within the
circuit or terminal protection element. The element in the circuit may be damaged (thermal destruction). When using this IC
for an application circuit where there is oscillation, output capacitor load does not occur, as when using this IC as a voltage
comparator. Set the capacitor connected to output terminal below 0.1[μF] in order to prevent damage to IC.
VEE
VCC
VCC
VEE
Connect
to Vicm
protection
resistor
application circuit for unused op-amp
Fig. 321 The example of
Fig. 322 The example of
output short protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com