Electronic Components Datasheet Search
  English  ▼

X  

BA4558F Datasheet(PDF) 5 Page - Rohm

Part # BA4558F
Description  Low Noise Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558F Datasheet(HTML) 5 Page - Rohm

  BA4558F Datasheet HTML 1Page - Rohm BA4558F Datasheet HTML 2Page - Rohm BA4558F Datasheet HTML 3Page - Rohm BA4558F Datasheet HTML 4Page - Rohm BA4558F Datasheet HTML 5Page - Rohm BA4558F Datasheet HTML 6Page - Rohm BA4558F Datasheet HTML 7Page - Rohm BA4558F Datasheet HTML 8Page - Rohm BA4558F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Technical Note
5/48
BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV,
BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Electrical characteristics
○
BA4560R family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Full range -40[℃]~+105[℃])
Parameter
Symbol Temperature
Range
Limits
Unit
Condition
BA4560R F/FV/FVM
Min.
Typ.
Max.
Input Offset Voltage
(*9)
Vio
25℃
-
0.5
6
mV
VOUT=0[V]
Full range
-
-
7
Input Offset Current
(*9)
Iio
25℃
-
5
200
nA
VOUT=0[V]
Full range
-
-
200
Input Bias Current
(*10)
Ib
25℃
-
50
500
nA
VOUT=0[V]
Full range
-
-
800
Supply Current
ICC
25℃
-
3
7
mA
RL=∞ All Op-Amps
VIN+=0[V]
Full range
-
-
7.5
Maximum Output Voltage
VOH
25℃
±12
±14
-
V
RL≧2[kΩ]
Full range
±10
±11.5
-
Io=25[mA]
Large Signal Voltage Gain
AV
25℃
86
100
-
dB
RL≧2[kΩ], VO=±10[V],
Vicm=0[V]
Full range
83
-
-
Input Common-mode Voltage Range
Vicm
25℃
±12
±14
-
V
VOUT=±12[V]
Full range
±12
-
-
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
VOUT=±12[V]
Power Supply Rejection Ratio
PSRR
25℃
76.5
90
-
dB
Ri≦10[kΩ]
Channel Separation
CS
25℃
-
105
-
dB
R1=100[Ω],
f=1[kHz]
Slew Rate
SR
25℃
-
4
-
V/μs AV=0[dB], RL=10[kΩ]
CL=100[pF]
Unity Gain Frequency
ft
25℃
-
4
-
MHz RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.003
-
%
AV=20[dB], RL=10[kΩ]
VIN=0.05[Vrms], f=1[kHz]
Input Referred Noise Voltage
Vn
25℃
-
8
-
Hz
nV/
RS=100[Ω], Vi=0[V],
f=1[kHz]
(*9)
Absolute value
(*10) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com