Electronic Components Datasheet Search
  English  ▼

X  

CAT93C46 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CAT93C46
Description  1 kb Microwire Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C46 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CAT93C46 Datasheet HTML 8Page - ON Semiconductor CAT93C46 Datasheet HTML 9Page - ON Semiconductor CAT93C46 Datasheet HTML 10Page - ON Semiconductor CAT93C46 Datasheet HTML 11Page - ON Semiconductor CAT93C46 Datasheet HTML 12Page - ON Semiconductor CAT93C46 Datasheet HTML 13Page - ON Semiconductor CAT93C46 Datasheet HTML 14Page - ON Semiconductor CAT93C46 Datasheet HTML 15Page - ON Semiconductor CAT93C46 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CAT93C46
http://onsemi.com
15
Example of Ordering Information
Device Order
Number
Specific
Device
Marking*
Package Type
Temperature Range
Lead
Finish
Shipping
CAT93C46LI−G
93C46P
PDIP−8
I = Industrial
(−40°C to +85°C)
NiPdAu
Tube, 50 Units / Tube
CAT93C46LE−G
93C46P
PDIP−8
E = Extended
(−40°C to +125°C)
NiPdAu
Tube, 50 Units / Tube
CAT93C46VE−GT3
93C46P
SOIC−8, JEDEC
E = Extended
(−40°C to +125°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
CAT93C46VI−G
93C46P
SOIC−8, JEDEC
I = Industrial
(−40°C to +85°C)
NiPdAu
Tube, 100 Units / Tube
CAT93C46VI−GT3
93C46P
SOIC−8, JEDEC
I = Industrial
(−40°C to +85°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
CAT93C46VI−GT3L
93C46P
SOIC−8, JEDEC
I = Industrial**
(−20°C to +85°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
CAT93C46VP2I−GT3
(Note 10)
M0T
TDFN−8
I = Industrial
(−40°C to +85°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
CAT93C46WI−G
(Note 10)
93C46P
SOIC−8, JEDEC
I = Industrial
(−40°C to +85°C)
NiPdAu
Tube, 100 Units / Tube
CAT93C46WI−GT3
(Note 10)
93C46P
SOIC−8, JEDEC
I = Industrial
(−40°C to +85°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
CAT93C46XI−T2
93C46P
SOIC−8, EIAJ
I = Industrial
(−40°C to +85°C)
Matte−Tin
Tape & Reel,
2,000 Units / Reel
CAT93C46XE−T2
93C46P
SOIC−8, EIAJ
E = Extended
(−40°C to +125°C)
Matte−Tin
Tape & Reel,
2,000 Units / Reel
CAT93C46YI−G
M46P
TSSOP−8
I = Industrial
(−40°C to +85°C)
NiPdAu
Tube, 100 Units / Tube
CAT93C46YI−GT3
M46P
TSSOP−8
I = Industrial
(−40°C to +85°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
CAT93C46YI−GT3L
M46P
TSSOP−8
I = Industrial**
(−20°C to +85°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
CAT93C46YE−GT3
M46P
TSSOP−8
E = Extended
(−40°C to +125°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
CAT93C46HU4I−GT3
M0U
UDFN−8
I = Industrial
(−40°C to +85°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
CAT93C46HU4E−GT3
M0U
UDFN−8
E = Extended
(−40°C to +125°C)
NiPdAu
Tape & Reel,
3,000 Units / Reel
10.Not recommended for new designs.
11. All packages are RoHS−compliant (Lead−free, Halogen−free).
12.The standard lead finish is NiPdAu.
13.For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
14.For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
15.For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device
Nomenclature document, TND310/D, available at www.onsemi.com
*Marking for New Product (Rev P)
** Works only for the −20°C to +85°C interval of the Industrial range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com