Electronic Components Datasheet Search
  English  ▼

X  

HCPL-4200 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4200
Description  Optically Coupled 20 mA Current Loop Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4200 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4200 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Figure 21. Full Duplex Point-to-Point Current Loop System Configuration.
Figure 22. Half Duplex Current Loop System Configurations for (a) Point-to-Point, (b) Multidrop.
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2010 Avago Technologies. All rights reserved. Obsoletes AV01-0541EN
AV02-2353EN - February 8, 2010
of common mode influences, elimination of ground
potential differences and reduction of power supply re-
quirements. With this combination of HCPL-4100/-4200
optocouplers, specific current loop noise immunity is
provided, i.e., minimum SPACE state current noise im-
munity is 1 mA, MARK state noise immunity is 8 mA.
Voltage compliance of the current source must be of an
adequate level for operating all units in the loop while
not exceeding 27 V dc, the maximum breakdown voltage
for the HCPL-4100. Note that the HCPL-4100 transmitter
will allow loop current to conduct when input V
CC
power
is off. Consult the HCPL-4100 transmitter optocoupler
data sheet for specified device performance.
For more information about the HCPL-4100/-4200 opto-
couplers, consult Application Note 1018.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com