Electronic Components Datasheet Search
  English  ▼

X  

HCPL-4200 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4200
Description  Optically Coupled 20 mA Current Loop Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4200 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-4200 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Absolute Maximum Ratings
(No Derating Required up to 70°C)
Storage Temperature .............................................................................................-55°C to +125°C
Operating Temperature ..........................................................................................-40°C to +85°C
Lead Solder Temperature .............................. 260°C for 10 s (1.6 mm below seating plane)
Supply Voltage – V
CC
..........................................................................................................0 V to 20 V
Average Input Current - I
I
...................................................................................-30 mA to 30 mA
Peak Transient Input Current - I
I
........................................................................................... 0.5 A[1]
Enable Input Voltage – V
E
...........................................................................................-0.5 V to 20 V
Output Voltage – V
O
.......................................................................................................-0.5 V to 20 V
Average Output Current – I
O
...................................................................................................25 mA
Input Power Dissipation – P
I
..............................................................................................90 mW[2]
Output Power Dissipation – P
O
...................................................................................... 210 mW[3]
Total Power Dissipation – P ............................................................................................. 255 mW[4]
Infrared and Vapor Phase Reflow Temperature
(Option #300) ..................................................................................... see Fig. 1, Thermal Profile
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
V
CC
4.5
20
Volts
Forward Input Current
I
SI
0
2.0
mA
(SPACE)
Forward Input Current
I
MI
14
24
mA
(MARK)
Operating Temperature
T
A
0
70
°C
Fan Out
N
0
4
TTL Loads
Logic Low Enable
V
EL
0
0.8
Volts
Voltage
Logic High Enable
V
EH
2.0
20
Volts
Voltage
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
7.1
mm
Measured from input terminals to output
(External Clearance)
terminals, shortest distance through air
Min. External Tracking Path
L(IO2)
7.4
mm
Measured from input terminals to output
(External Creepage)
terminals, shortest distance path along body
Min. Internal Plastic Gap
0.08
mm
Through insulation distance, conductor to
(Internal Clearance)
conductor, usually the direct distance
between the photoemitter and photodetector
inside the optocoupler cavity
Tracking Resistance
CTI
200
volts
DIN IEC 112/VDE 0303 PART 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 – surface mount classification is Class A in accordance with CECC 00802.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com