Electronic Components Datasheet Search
  English  ▼

X  

AD7626 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7626
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7626 Datasheet HTML 8Page - Analog Devices AD7626 Datasheet HTML 9Page - Analog Devices AD7626 Datasheet HTML 10Page - Analog Devices AD7626 Datasheet HTML 11Page - Analog Devices AD7626 Datasheet HTML 12Page - Analog Devices AD7626 Datasheet HTML 13Page - Analog Devices AD7626 Datasheet HTML 14Page - Analog Devices AD7626 Datasheet HTML 15Page - Analog Devices AD7626 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7960
Data Sheet
Rev. 0 | Page 12 of 24
Figure 23. Zero Error and Gain Error vs. Temperature, REF = 5 V
Figure 24. Input Current (IN+, IN−) vs. Differential Input Voltage, REF = 5 V
Figure 25. Supply Current vs. Temperature, REF = 5 V, Self Clocked Mode,
CNV± in CMOS Mode, Internal Reference Buffer Disabled
Figure 26. Power-Down Current vs. Temperature, REF = 5 V
Figure 27. Supply Current vs. Throughput, Self Clocked Mode, CNV± in CMOS
Mode, Internal Reference Buffer Disabled
0
0.5
1.0
1.5
2.0
2.5
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
ZERO ERROR
GAIN ERROR
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIFFERENTIAL INPUT VOLTAGE (V)
IN+
IN–
0
2
4
6
8
10
12
14
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VDD1
VDD2
VIO
0
2
4
6
8
10
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VDD2
VDD1
VIO
0
2
4
6
8
10
12
VDD1
VDD2
VIO
0
1
2
3
4
5
THROUGHPUT (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com