Electronic Components Datasheet Search
  English  ▼

X  

AD7626 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7626
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7626 Datasheet HTML 11Page - Analog Devices AD7626 Datasheet HTML 12Page - Analog Devices AD7626 Datasheet HTML 13Page - Analog Devices AD7626 Datasheet HTML 14Page - Analog Devices AD7626 Datasheet HTML 15Page - Analog Devices AD7626 Datasheet HTML 16Page - Analog Devices AD7626 Datasheet HTML 17Page - Analog Devices AD7626 Datasheet HTML 18Page - Analog Devices AD7626 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD7960
Rev. 0 | Page 15 of 24
TRANSFER FUNCTION
The AD7960 uses a 5 V or a 4.096 V reference. The AD7960
converts the differential voltage of the antiphase analog inputs
(IN+ and IN−) into a digital output. IN+ and IN− require a
REF/2 V common-mode voltage.
The 18-bit conversion result is in MSB first, twos complement
format. The ideal transfer functions for the AD7960 are shown
in Figure 29 and Table 7.
Figure 29. ADC Ideal Transfer Functions (FSR = Full-Scale Range)
ANALOG INPUTS
The analog inputs applied to the AD7960, IN+ and IN−, must be
180° out of phase with each other. Figure 30 shows an equivalent
circuit of the input structure of the AD7960.
The two diodes provide ESD protection for IN+ and IN−. Care
must be taken to ensure that the analog input signals do not
exceed the supply rails of the AD7960 by more than 0.3 V (VDD1
and GND). If the analog input signals exceed this level, the
diodes become forward-biased and start conducting current.
These diodes can handle a forward-biased current of 130 mA
maximum. However, if the supplies of the input buffer amplifier
are different from the VDD1/GND supply, the analog input
signal may eventually exceed the supply rails by more than 0.3 V.
In such a case (for example, an input buffer with a short circuit),
the current limitation can be used to protect the part.
Figure 30. Equivalent Analog Input Circuit
The analog input structure allows the sampling of the true
differential signal between IN+ and IN−. By using these differ-
ential inputs, signals common to both inputs are rejected. The
AD7960 shows some degradation in THD with higher analog
input frequencies.
Figure 31. Analog Input CMRR vs. Frequency
Table 7. Output Codes and Ideal Input Voltages
Description
Analog Input (IN+ − IN−),
REF = 5 V
Analog Input (IN+ − IN−),
REF = 4.096 V
Digital Output Code, Twos Complement (Hex)
FSR − 1 LSB
+4.999962 V
+4.095969 V
0x1FFFF
Midscale + 1 LSB
+38.15 μV
+31.25 μV
0x00001
Midscale
0 V
0 V
0x00000
Midscale − 1 LSB
−38.15 μV
−31.25 μV
0x3FFFF
−FSR + 1 LSB
−4.999962 V
−4.095969 V
0x20001
−FSR
−5 V
−4.096 V
0x20000
100 ... 000
100 ... 001
100 ... 010
011 ... 101
011 ... 110
011 ... 111
ANALOG INPUT
+FSR – 1.5LSB
+FSR – 1LSB
–FSR + 1LSB
–FSR
–FSR + 0.5LSB
185Ω
26pF
VDD1
IN+
OR IN–
0
10
20
30
40
50
60
70
80
90
100
100
1k
10k
100k
1M
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com