Electronic Components Datasheet Search
  English  ▼

X  

AD7691 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7691
Description  16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7691 Datasheet(HTML) 5 Page - Analog Devices

  AD7691 Datasheet HTML 1Page - Analog Devices AD7691 Datasheet HTML 2Page - Analog Devices AD7691 Datasheet HTML 3Page - Analog Devices AD7691 Datasheet HTML 4Page - Analog Devices AD7691 Datasheet HTML 5Page - Analog Devices AD7691 Datasheet HTML 6Page - Analog Devices AD7691 Datasheet HTML 7Page - Analog Devices AD7691 Datasheet HTML 8Page - Analog Devices AD7691 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD7980-EP
Rev. 0 | Page 5 of 12
TIMING SPECIFICATIONS
−55°C to +125°C, VDD = 2.37 V to 2.63 V, VIO = 3.3 V to 5.5 V, unless otherwise stated. See Figure 2 and Figure 3 for load conditions.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
t
CONV
500
710
ns
Acquisition Time
t
ACQ
290
ns
Time Between Conversions
t
CYC
1000
ns
CNV Pulse Width (CS
t
CNVH
Mode)
10
ns
SCK Period (CS
t
SCK
Mode)
ns
VIO Above 4.5 V
10.5
ns
VIO Above 3 V
12
ns
VIO Above 2.7 V
13
ns
VIO Above 2.3 V
15
ns
SCK Period (Chain Mode)
t
SCK
ns
VIO Above 4.5 V
11.5
ns
VIO Above 3 V
13
ns
VIO Above 2.7 V
14
ns
VIO Above 2.3 V
16
ns
SCK Low Time
t
SCKL
4.5
ns
SCK High Time
t
SCKH
4.5
ns
SCK Falling Edge to Data Remains Valid
t
HSDO
3
ns
SCK Falling Edge to Data Valid Delay
t
DSDO
VIO Above 4.5 V
9.5
ns
VIO Above 3 V
11
ns
VIO Above 2.7 V
12
ns
VIO Above 2.3 V
14
ns
CNV or SDI Low to SDO D15 MSB Valid (CS
t
EN
Mode)
VIO Above 3 V
10
ns
VIO Above 2.3 V
15
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS
t
DIS
Mode)
20
ns
SDI Valid Setup Time from CNV Rising Edge
t
SSDICNV
5
ns
SDI Valid Hold Time from CNV Rising Edge (CS
t
HSDICNV
Mode)
2
ns
SDI Valid Hold Time from CNV Rising Edge (Chain Mode)
t
HSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
t
SSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
t
HSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
t
SSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
t
HSDISCK
3
ns
SDI High to SDO High (Chain Mode with Busy Indicator)
t
DSDOSDI
15
ns
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
20pF
Figure 2. Load Circuit for Digital Interface Timing
X% VIO1
Y% VIO1
VIH2
VIL2
VIL2
VIH2
tDELAY
tDELAY
1FOR VIO
≤ 3.0V, X = 90 AND Y = 10; FOR VIO > 3.0V X = 70, AND Y = 30.
2MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 3.
Figure 3. Voltage Levels for Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com